Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7546 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 2 Page - Renesas Technology Corp

  7546 Datasheet HTML 1Page - Renesas Technology Corp 7546 Datasheet HTML 2Page - Renesas Technology Corp 7546 Datasheet HTML 3Page - Renesas Technology Corp 7546 Datasheet HTML 4Page - Renesas Technology Corp 7546 Datasheet HTML 5Page - Renesas Technology Corp 7546 Datasheet HTML 6Page - Renesas Technology Corp 7546 Datasheet HTML 7Page - Renesas Technology Corp 7546 Datasheet HTML 8Page - Renesas Technology Corp 7546 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
7546 Group
Rev.1.21
Nov 15, 2006
page 2 of 93
REJ03B0160-0121
Fig. 2 Pin configuration (Package type: PRDP0032BA-A)
PIN CONFIGURATION (TOP VIEW)
Fig. 1 Pin configuration (Package type: PLQP0032GB-A)
P07(LED07)/SRDY2
P10/RXD1/CAP0
P11/TXD1
P12/SCLK1
P13/SRDY1
P14/CNTR0
P20/AN0
P21/AN1
32
31
30
29
28
27
26
25
P34(LED14)
P33(LED13)/INT1
P32(LED12)/CMP3
P31(LED11)/CMP2
P30(LED10)/CAP1
VSS
XOUT
XIN
9
10
11
12
13
14
15
16
8
7
6
5
3
14
20
17
18
19
21
24 23 22
M37546Gx-XXXGP
M37546GxGP
2
Package type: PLQP0032GB-A (32P6U-A)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CNVSS
P12/SCLK1
P13/SRDY1
P14/CNTR0
P20/AN0
P21/AN1
P22/AN2
P23/AN3
P24/AN4
VCC
XIN
XOUT
VSS
P11/TXD1
P10/RXD1/CAP0
P07(LED07)/SRDY2
P06(LED06)/SCLK2
P05(LED05)/TxD2
P04(LED04)/RxD2
P30(LED10)/CAP1
P25/AN5
VREF
RESET
P33(LED13)/INT1
P32(LED12)/CMP3
P31(LED11)/CMP2
32
14
15
16
P34(LED14)
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
P03(LED03)/TXOUT
P02(LED02)/CMP1
P01(LED01)/CMP0
P00(LED00)/CAP0
P37(LED17)/INT0
Package type: PRDP0032BA-A (32P4B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com