Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7546 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 7546
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7546 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 7546 Datasheet HTML 60Page - Renesas Technology Corp 7546 Datasheet HTML 61Page - Renesas Technology Corp 7546 Datasheet HTML 62Page - Renesas Technology Corp 7546 Datasheet HTML 63Page - Renesas Technology Corp 7546 Datasheet HTML 64Page - Renesas Technology Corp 7546 Datasheet HTML 65Page - Renesas Technology Corp 7546 Datasheet HTML 66Page - Renesas Technology Corp 7546 Datasheet HTML 67Page - Renesas Technology Corp 7546 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
7546 Group
Rev.1.21
Nov 15, 2006
page 64 of 93
REJ03B0160-0121
Fig. 80 State transition 2
Operation clock source: On-chip oscillator (Note 2)
Operation clock source: f(XIN) (Note 1)
Notes on switch of clock
(1) In operation clock = f(XIN), the following can be selected for the CPU clock division ratio.
f(XIN)/2 (High-speed mode)
f(XIN)/8 (Middle-speed mode)
f(XIN) (Double-speed mode, only at a ceramic oscillation)
(2) In operation clock = On-chip oscillator, the following can be selected for the CPU clock division ratio.
ROSC/1 (On-chip oscillator double-speed mode)
ROSC/2 (On-chip oscillator high-speed mode)
ROSC/8 (On-chip oscillator middle-speed mode)
ROSC/128 (On-chip oscillator low-speed mode)
(3) Executing the state transition state 3 to 2 or state 3 to 3’ after stabilizing XIN oscillation.
(4) After system is released from reset, and state transition of state 2
→ state 3 and state transition of state 2’ → state 3’,
ROSC/8 (On-chip oscillator middle-speed mode) is selected for CPU clock.
(5) MCU cannot be returned by On-chip oscillator and its operation is stopped since internal reset does not occur at oscillation stop detected.
Accordingly, do not execute the transition to state 2'a.
(6) STP instruction cannot be used when oscillation stop detection circuit is in active.
RESET state 2
f(XIN) oscillation: enabled
On-chip oscillator: enabled
RESET state 1
f(XIN) oscillation: enabled
On-chip oscillator: enabled
Oscillation stop detection circuit is in active. (Note 6)
Applied “L” to RESET pin
(external reset)
MISRG3 is cleared to “0”.
MISRG2=12
MISRG2=02
MISRG2=12
MISRG2=02
MISRG1=12
MISRG1=02
(MISRG3 is cleared to “0”.)
MISRG1=12
(Note 3)
MISRG1=02
(MISRG3 is cleared to “0”.)
State 3
State 2
f(XIN) oscillation: enabled
On-chip oscillator: enabled
f(XIN) oscillation: enabled
On-chip oscillator: enabled
State 3’
State 2’
f(XIN) oscillation: enabled
On-chip oscillator: enabled
State 2’a (Note 5)
Oscillation stop reset disabled
When oscillation stop is detected;
MISRG3 is set to “1”.
Internal RESET does not occur.
Prohibitive state
MUC will be locked when Ceramic
or RC oscillation is stopped.
State 3’a
Oscillation stop reset disabled
When oscillation stop is detected;
MISRG3 is set to “1”.
Internal RESET does not occur.
Oscillation stop reset enabled
When oscillation stop is detected;
MISRG3 is set to “1”.
Internal RESET occurs.
Oscillation stop reset enabled
When oscillation stop is detected;
MISRG3 is set to “1”.
Internal RESET occurs.
State 3’c
Release from internal reset
MISRG3 is set to “1”.
Oscillation status can be
confirmed by reading MISRG3.
f(XIN) oscillation: enabled
On-chip oscillator: enabled
State 3’b
State 2’b
CPUM76=102
(Note 4)
CPUM76=002
012
112
(Note 3)
CPUM76=102
CPUM76=002
012
112
CPUM76=102
(Note 4)
CPUM76=002
012
112
Reset
released
(Note 4)
Reset
released
(Note 4)
Oscillation stop is detected
(internal reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com