Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2071 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STU2071
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STU2071 Datasheet HTML 4Page - STMicroelectronics STU2071 Datasheet HTML 5Page - STMicroelectronics STU2071 Datasheet HTML 6Page - STMicroelectronics STU2071 Datasheet HTML 7Page - STMicroelectronics STU2071 Datasheet HTML 8Page - STMicroelectronics STU2071 Datasheet HTML 9Page - STMicroelectronics STU2071 Datasheet HTML 10Page - STMicroelectronics STU2071 Datasheet HTML 11Page - STMicroelectronics STU2071 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
DIGITAL INTERFACE
UIC is provided with a digital serial interface,
named V*, which operates in two modes.
In Fig. 6 the frame format for both modes is
shown.
The base frame consists of:
B1 : 64 kbit/s transparent data channel
B2 : 64 kbit/s transparent data channel
B2* : Monitor channel
B1* : 8 bits so set
D1/D2 : 16 kbit/s D channel
A1..A4 : Command/Indicate channel
T
: Transparent service channel
E
: Extension bit
In Fig. 7 and 8 the timings in Continuous and in
Burst mode are given.
B2* available messages (do not use in REPETER
modes):
Code
Function
74H
Set RD1 to HIGH
75H
Set RD2 to HIGH
76H
Set RD1 and RD2 to HIGH
77H
Reset RD1 and RD2 to LOW
EFH
Reset frame error counter
(F0-FF)H
NOD
All others
Not defined
In Fig. 7 and 8 the timings in Continuous and in
Burst mode are given.
Figure 6: V* Frame Format.
Figure 7: Continuous Mode.
STU2071
8/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com