Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2071 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU2071
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071 Datasheet(HTML) 1 Page - STMicroelectronics

  STU2071 Datasheet HTML 1Page - STMicroelectronics STU2071 Datasheet HTML 2Page - STMicroelectronics STU2071 Datasheet HTML 3Page - STMicroelectronics STU2071 Datasheet HTML 4Page - STMicroelectronics STU2071 Datasheet HTML 5Page - STMicroelectronics STU2071 Datasheet HTML 6Page - STMicroelectronics STU2071 Datasheet HTML 7Page - STMicroelectronics STU2071 Datasheet HTML 8Page - STMicroelectronics STU2071 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
STU2071
4B3T U INTERFACE CIRCUIT
PRELIMINARY DATA
4B3T TWO-WIRE U INTERFACE CIRCUIT
FOR LT AND NT APPLICATION
120 kbaud LINE SYMBOL RATE (120 SYM-
BOLS PER FRAME)
SCRAMBLER
AND
DESCRAMBLER
AC-
CORDING TO CCITT REC V.29
BARKER CODE (11 SYMBOLS) SYNCHRO-
NIZATION WORD
UNSCRAMBLED 1 KBIT/S HOUSEKEEPING
CHANNEL
ADAPTIVE
ECHO
CANCELLATION WITH
TRANSVERSAL FILTERING
ADAPTIVE DECISION FEEDBACK EQUALI-
ZATION
AUTOMATIC GAIN CONTROL
PDM AD CONVERTER
AUTOMATIC ACTIVATION AND DEACTIVA-
TION WITH POLARITY ADAPTION
AUTOMATIC CODE VIOLATION DETECTION
POWER FEED UNIT CONTROL
ADVANCED CL3 1.5
µm CMOS PROCESS
28 PIN DUAL-IN-LINE PLASTIC PACKAGE
V* DIGITAL INTERFACE
SYSTEM OVERVIEW
STU2071 (UIC) provides two transparent 64 kbit/s
B channels, a transparent 16 kbit/s D channel, a
transparent 1 kbit/s service channel and a 1 kbit/s
maintenance channel for loop and error mes-
sages on subscriber lines.
UIC enables full duplex continuous data transmis-
sion via the standard twisted pair telephone ca-
ble. Adaptive Echo cancellation is used to restore
the received data. An equalizer, done with an
adaptive filter, restores the data which are dis-
torted by the transmission line.
The coefficient of the equalizer and echo cancel-
ler are conserved during a power down. An all
digital PLL performs both bit and frame synchroni-
zation.
The analog front end consists of receive path RX
and transmit path TX, providing a full duplex ana-
log interfacing to the twisted pair telephone cable.
Before data are converted to analog signals, they
pass through a digital filter (TX-filter) to reduce
the high frequency components. After D/A con-
version the signal is amplified and sent to the hy-
brid.
The received signal is converted back to digital
data and passed through the RX matching filter to
restore the line signal. The A/D convertor is a
second order sigma/delta modulator which oper-
ates with a clock of 15.36 MHz. After timing re-
covery, achieved by a digital PLL, the received
signal is equalized, in an adaptive digital filter, to
correct for the frequency and group delay distor-
tion of the line.
Power supply status can be read via PFOFF. The
UIC can disable its power supply (DISS), and two
relay drivers outputs are provided (accessible via
B2*) to control the power feed unit (RD1,RD2).
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
September 1994
DIP28
ORDERING NUMBER: STU2071B1
PLCC28
ORDERING NUMBER: STU2071FN
1/18


Similar Part No. - STU2071

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STU2030PLS SAMHOP-STU2030PLS Datasheet
791Kb / 9P
P-Channel E nhancement Mode F ield Effect Transistor
logo
VBsemi Electronics Co.,...
STU2030PLS VBSEMI-STU2030PLS Datasheet
913Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
SamHop Microelectronics...
STU2040PL SAMHOP-STU2040PL Datasheet
861Kb / 8P
P-Channel E nhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
STU20L01 VBSEMI-STU20L01 Datasheet
881Kb / 8P
N-Channel 100-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STU20L01A DOINGTER-STU20L01A Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STU2071

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1150 RHOMBUS-IND-T-1150 Datasheet
22Kb / 1P
"U" INTERFACE TRANSFORMER
04-10-01
T-1027 RHOMBUS-IND-T-1027 Datasheet
28Kb / 1P
U Interface Transformer
05/19/98
T-1028 RHOMBUS-IND-T-1028 Datasheet
33Kb / 1P
U Interface Transformer
03/09/98
T-13207G RHOMBUS-IND-T-13207G Datasheet
26Kb / 1P
U Interface Transformer
7/2/96
T-13209G RHOMBUS-IND-T-13209G Datasheet
27Kb / 1P
U Interface Transformer
7/2/96
T-13215G RHOMBUS-IND-T-13215G Datasheet
27Kb / 1P
U Interface Transformer
7/2/96
T-13225G RHOMBUS-IND-T-13225G Datasheet
27Kb / 1P
U Interface Transformer (4B3T Coding Applications)
7/2/96
T-13215 RHOMBUS-IND-T-13215 Datasheet
35Kb / 1P
U Interface Transformer (4B3T Coding Applications)
T-13225 RHOMBUS-IND-T-13225 Datasheet
35Kb / 1P
U Interface Transformer (4B3T Coding Applications)
T-13226 RHOMBUS-IND-T-13226 Datasheet
93Kb / 1P
U Interface Transformer (4B3T Coding Applications)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com