Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2071 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STU2071
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STU2071 Datasheet HTML 10Page - STMicroelectronics STU2071 Datasheet HTML 11Page - STMicroelectronics STU2071 Datasheet HTML 12Page - STMicroelectronics STU2071 Datasheet HTML 13Page - STMicroelectronics STU2071 Datasheet HTML 14Page - STMicroelectronics STU2071 Datasheet HTML 15Page - STMicroelectronics STU2071 Datasheet HTML 16Page - STMicroelectronics STU2071 Datasheet HTML 17Page - STMicroelectronics STU2071 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
DIGITAL INTERFACE DYNAMIC CHARACTERISTICS (continued)
Continuous mode.
Parameter
Port
from
to
Conditions
C
R to DVDD
Min.
Max.
pF
K
Ω
ns
ns
Rise Time tr
Fall Time tf
FR, CL, i
FR, CL, i
1.0V
3.5V
3.5V
1.0V
10
10
30
30
Rise Time tr
Fall Time tf
FR, CL, o
FR, CL, o
10%
90%
90%
10%
25
25
30
30
Setup Time ts
Setup Time ts
Delay Time td
Hold Time th
Hold Time th
Delay Time td
DIN
MPF
FR
DIN
MPF
DOUT
DIN +/–
MPF +/–
CL, i +
CL, i –
CL, i –
CL, i +
CL, i +
CL, i +
FR, i +
DIN +/–
DIN +/–
DOUT +/–
25
10
50
50
-200
100
100
200
500
Setup Time ts
Setup Time th
Delay Time td
Delay Time td
DIN
DIN
DOUT
FR
DIN +/–1
CL, o –
CL. o +
CL, o +
CL, o +
DIN +/–
DOUT +/–
FR,o +
25
25
10
50
100
-150
500
150
Clock Width tc
Clock Width tp
Pulse Width tp
Pulse Width tp
CL, i
CL, i
CL, i
CL, i
CL +/–
CL +/–
CL +/–
CL +/–
CL +/–
CL +/–
CL –/+
CL –/+
25
25
1830
1830
850
850
2080
2080
1100
1100
+ = rising edge
– = falling edge
STU2071
14/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com