Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2071 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STU2071
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STU2071 Datasheet HTML 9Page - STMicroelectronics STU2071 Datasheet HTML 10Page - STMicroelectronics STU2071 Datasheet HTML 11Page - STMicroelectronics STU2071 Datasheet HTML 12Page - STMicroelectronics STU2071 Datasheet HTML 13Page - STMicroelectronics STU2071 Datasheet HTML 14Page - STMicroelectronics STU2071 Datasheet HTML 15Page - STMicroelectronics STU2071 Datasheet HTML 16Page - STMicroelectronics STU2071 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DIGITAL INTERFACE DYNAMIC CHARACTERISTICS
Burst mode.
Parameter
Port
from
to
Conditions
C
R to DVDD
Min.
Max.
pF
K
ns
ns
Rise Time tr
Fall Time tf
FR, CL
FR, CL
1.0V
3.5V
3.5V
1.0V
10
10
30
30
Setup Time ts
Setup Time ts
Setup Time ts
Setup Time ts
FR
FR
DIN
MPF
FR, i –
FR, i +
DIN +/–
MPF +/–
CL, i +
CL, i +
CL, i +
CL, i +
30
30
50
50
Hold Time th
Hold Time th
Hold Time th
Hold Time th
FR
FR
DIN
MPF
CL, i +
CL, i +
CL, i +
CL, i +
FR, i –
FR, i +
DIN +/–
MPF +/–
50
50
60
60
Delay Time td
Delay Time td
DOUT
DOUT
CL, i –
CL, i –
DOUT +/–
DOUT +/–
50
150
1
1
0
0
150
200
Clock Width tc
Clock Width tc
CL, i
CL, i
CL +/–
CL +/–
CL +/–
CL –/+
239
100
249
144
+ = rising edge
– = falling edge
STU2071
13/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com