Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU2071 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STU2071
Description  4B3T U INTERFACE CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU2071 Datasheet(HTML) 3 Page - STMicroelectronics

  STU2071 Datasheet HTML 1Page - STMicroelectronics STU2071 Datasheet HTML 2Page - STMicroelectronics STU2071 Datasheet HTML 3Page - STMicroelectronics STU2071 Datasheet HTML 4Page - STMicroelectronics STU2071 Datasheet HTML 5Page - STMicroelectronics STU2071 Datasheet HTML 6Page - STMicroelectronics STU2071 Datasheet HTML 7Page - STMicroelectronics STU2071 Datasheet HTML 8Page - STMicroelectronics STU2071 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
APPLICATION AND MODES
The UIC can be used in LT, LT-burst and in NT
mode.
Hereafter a list of the pin bias to set up the de-
sired mode is given.
In LT mode:
Pins
Value
LT
BURST
S0
S1
S2
1
0
0
0
0
In LT burst:
Pins
Value
LT
BURST
S0
S1
S2
1
1
time slot
time slot
time slot
In NT:
Pins
Value
LT
BURST
S0
S1
S2
0
0
0
0
1
Test pins should always be tied to GND
PIN DESCRIPTION
Pin
Name
Function
1
DVSS(input)
Digital Ground.
2
PFOFF(input)
Power feed off. PFOFF=HIGH is coded by the A-bit indication HI
accessible on DOUT. Active in LT mode only.
3
LT(input)
LT/NT mode selection.
4
TEST(input)
Test Mode.
5
DISS(output)
A bit channel driven pin. Active in LT mode only.
6
RESETN(input)
Hardware Reset.
7
DIN(input)
Digital interface input.
8
TSP(input)
Transmit single pulse. 1 KHz single pulse alternating positive and
negative polarity is transmitted.
9
BURST(input)
Burst mode selection. Active in LT mode only.
10
FR(in/out)
8KHz Digital interface frame clock; input in LT and output in NT mode.
11
DOUT(output)
Digital interface output.
12
CL(in/out)
Digital interface bit clock; input in LT and output in NT mode.
13
RD1(output)
Power feeder relay driver.
14
RD2(output)
Power feeder relay driver.
15, 16, 17
S2,S1,S0
Time slot pin strap (. Active in LT mode only.
18
DVDD(input)
5V +/-5% positive digital power supply.
19
AVSS(input)
Analog Ground.
20
LOUT1(output)
Output to the line.
21
AVDD(input)
5V +/-5% positive analog power supply.
22
AGND(input)
Analog Ground.
23
LOUT2(output)
Output to the line.
24,25
LIN1,LIN2(input)
Inputs from the line (UK0).
26, 27
XTAL1,XTAL2(inputs)
System clock input;nominal frequency is 15.36MHz.
28
CLS(output)
Clock output synchronous to the line receive clock at 7.68MHz.
STU2071
3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com