Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 1 Page - STMicroelectronics

  VV6411 Datasheet HTML 1Page - STMicroelectronics VV6411 Datasheet HTML 2Page - STMicroelectronics VV6411 Datasheet HTML 3Page - STMicroelectronics VV6411 Datasheet HTML 4Page - STMicroelectronics VV6411 Datasheet HTML 5Page - STMicroelectronics VV6411 Datasheet HTML 6Page - STMicroelectronics VV6411 Datasheet HTML 7Page - STMicroelectronics VV6411 Datasheet HTML 8Page - STMicroelectronics VV6411 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
March 2003
ADCS 7283313C
1/44
STV0681
DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
®
DESCRIPTION
STMicroelectronics Imaging Division has produced
the camera co-processor STV0681 which, used
with CIF/VGA sensors as part of a low cost dual-
mode camera chipset, allows a new line of low cost
cameras or toy products to be brought to the
market. STV0681 is a mask ROM version of
STV0680B, programmed with v3.00 Firmware.
FEATURES
ST have maintained the standard features already
available in the successful STV068B chipset,
including:
q
Support for VV6411 (CIF) and VV6501 (VGA)
CMOS imaging sensors.
q
Support for SDRAM sizes 16MBit (up to 20
CIF images) or 64Mbit (up to 80 CIF or 26
VGA images).
q
Low resolution “economy” mode allows for
more images to be stored.
q
High frame rate web cam (tethered video)
over USB.
q
Audio record/playback and “Delete Last”
function
q
Custom sounds playback (e.g. “Talking” or
“Musical” camera)
q
Support for an OEM Flashgun module
q
Automatic anti-flicker exposure control.
q
Image up load over RS232 or USB.
q
Driver support for Win98/Win2k/WinME and
MacOS 8.6/9.0/9.1.
q
Continuous capture while untethered (except
when Flashgun enabled) and downloading to
AVI file format
q
Power-saving “stand-by” mode which
maintains memory contents.
q
Simple user interface including 2 buttons,
status LCD display, and buzzer.
q
Evaluation Kit (EVK) available.
q
Software Development Kit (SDK) allows OEM
PC Software applications to be written.
q
Quick Power Down (by holding Mode Button).
q
“Delete Last” Function
Audio Record and Playback
The enhanced features included in STV0681 allow
audio memos to be recorded at a sampling rate of
11kHz, by adding a microphone and comparator
chip, and by utilizing the pre-amplifier included in
CIF/VGA sensors such as VV6411 and VV6501
respectively.
These sounds can be uploaded to the PC over USB
or RS232, and played back using a Software
application developed by the OEM using the SDK.
Demonstration PC software with source code is
available with the Evaluation Kit (EVK). With
suitable OEM software, the camera could even be
used to record comments about pictures or video
clips in a “dictaphone” fashion, with the audio
commentary played back when viewing the
pictures/video.
Recorded audio sounds can also be played back on
the camera, with the addition of an amplifier chip
and speaker or headphone socket.
By auto-detecting hardware, STV0681 will only
enable these additional functions if audio hardware
is fitted. Actual hardware implementation is the
subject of a separate STV0681 Reference design
(see
Chapter 10).
Evaluation Kit and Reference Design
Evaluation kits are available for STV0681 features.
Precise design guidelines are available from ST as
a reference design manual (see
Chapter 10).
Note:
Simultaneous audio record and
continuous video capture is not possible.


Similar Part No. - VV6411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VV6411 STMICROELECTRONICS-VV6411 Datasheet
563Kb / 63P
DUAL-MODE DIGITAL CAMERA CHIPSET
Sep-2001
VV6411C036 STMICROELECTRONICS-VV6411C036 Datasheet
563Kb / 63P
DUAL-MODE DIGITAL CAMERA CHIPSET
Sep-2001
More results

Similar Description - VV6411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0676 STMICROELECTRONICS-STV0676 Datasheet
153Kb / 21P
CMOS Digital Camera Co-processor
Oct-2002
logo
Samsung semiconductor
KS7301B SAMSUNG-KS7301B Datasheet
359Kb / 34P
DIGITAL CAMERA PROCESSOR
KS7306 SAMSUNG-KS7306 Datasheet
405Kb / 54P
DIGITAL CAMERA PROCESSOR
logo
STMicroelectronics
STV0674 STMICROELECTRONICS-STV0674 Datasheet
336Kb / 35P
Tri-mode CMOS digital camera co-processor
Jul-2003
logo
List of Unclassifed Man...
SPCA504A ETC-SPCA504A Datasheet
355Kb / 4P
Dual Mode PC Camera Processor
logo
STMicroelectronics
STV0684 STMICROELECTRONICS-STV0684 Datasheet
487Kb / 49P
Digital Camera Processor
logo
SONiX Technology Compan...
SN9C2028AF SONIX-SN9C2028AF Datasheet
593Kb / 10P
SONiX Dual Mode Camera Processor
logo
Zoran Corporation
ZR36460 ZORAN-ZR36460 Datasheet
94Kb / 2P
Digital Camera Processor
ZR36470 ZORAN-ZR36470 Datasheet
81Kb / 2P
Digital Camera Processor
COACH10 ZORAN-COACH10 Datasheet
116Kb / 2P
Digital Camera Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com