Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 2Page - STMicroelectronics VV6411 Datasheet HTML 3Page - STMicroelectronics VV6411 Datasheet HTML 4Page - STMicroelectronics VV6411 Datasheet HTML 5Page - STMicroelectronics VV6411 Datasheet HTML 6Page - STMicroelectronics VV6411 Datasheet HTML 7Page - STMicroelectronics VV6411 Datasheet HTML 8Page - STMicroelectronics VV6411 Datasheet HTML 9Page - STMicroelectronics VV6411 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Introduction
STV0681
6/44
ADCS 7283313C
1.1.6
“Delete Last” function
An additional user interface function is available in STV0681 with either audio record or playback
hardware fitted. With these, the user can delete the last image or continuous clip to be captured, or
the last audio memo to be recorded. The standard “Clear all” (“CL”) function remains, whether or not
audio hardware is fitted.
1.1.7
Backward compatibility with STV0680B
STV0681 is electrically and functionally compatible with cameras designed for STV0680B, and uses
the same PC/Mac drivers, however the change of device pinout means that some PCB re-design
will be required.
Precise design guidelines are available from ST as a reference design (see
Chapter 10). A software
development kit (SDK) for PC is available from ST to interface to the camera and provide the basis
to develop a custom software application for stills and/or video. It includes colour processing
software.
1.2
Key system features
The key features of a typical camera based on the STV0681 chipset are listed here below.
1.2.1
Image features
q
Support for CIF resolution sensor - 352 x 288 pixels
q
Support for VGA resolution sensor - 640 x 480 pixels
q
80 picture storage capacity possible for CIF, with 64MB memory
q
26 picture storage capacity for VGA, with 64MBit memory
q
A greater number of images can be stored when ‘Low’ resolution mode is enabled (e.g. 80 QCIF
images with 16Mbit memory, 107 QVGA images with 64Mbit memory). See
Table 1.
q
Automatic anti-flicker exposure and gain control
q
Support for flashgun.
Figure 1: Typical camera system block diagram
CMOS Sensor
Sensor data
STV0681
USB interface
16MBit or 64MBit
SDRAM
Lens +
RS232
I/F
USB
I/F
memory
I/F
RS232 interface
GPIO
Sensor
I/F
PWM
LED
4.5 - 6v Battery e.g.
12MHz XTAL
Audio DAC
LCD
Driver
2x 7 seg. LCD
Push
Transceiver
Piezo
“Mode”
Buzzer
“Shutter
4-5v (Nominal) supply from Battery or USB
3-4 x AA, AAA, etc.
Power
Management
Circuit (Discretes)
Detect Low
Battery
to PC
to PC
Circuit (Discretes)
Sensor clock
IR Filter
VV6501 (VGA)
VV6411 (CIF)
Image Array
Audio
Pre-Amp
Speaker
Microphone
Comparator
Buttons:
/Record”
OEM Flashgun
Enable/Trigger
Module
Audio
Enable/Trigger
Flashgun
Amplifier
VReg
3v3 supply
Subject



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com