Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 24Page - STMicroelectronics VV6411 Datasheet HTML 25Page - STMicroelectronics VV6411 Datasheet HTML 26Page - STMicroelectronics VV6411 Datasheet HTML 27Page - STMicroelectronics VV6411 Datasheet HTML 28Page - STMicroelectronics VV6411 Datasheet HTML 29Page - STMicroelectronics VV6411 Datasheet HTML 30Page - STMicroelectronics VV6411 Datasheet HTML 31Page - STMicroelectronics VV6411 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
Customising the STV0681
STV0681
28/44
ADCS 7283313C
5.2
EEPROM data format
5.3
Programming the EEPROM
There is no facility to program the EEPROM using the STV0681 itself and so the device must be
programmed before fitting it to the PCB.
Location(decimal)
Contents
0
Leave blank
1
VidLo, The low byte of the Vendor ID
2
VidHi, The high byte of the Vendor ID
3
PidLo, The low byte of the Product ID
4
PidHi, The high byte of the Product ID
5
Max Power (in units of 0.5mA)
6
Max Power with audio playback enabled (in units of 0.5mA)
7
Auto powerdown time Hi byte (in units of 256ms)
8
Auto powerdown time Lo byte (in units of 10ms)
9
Mode button press time Hi byte (in units of 256ms)
10
Mode button presss time Lo byte (in units of 10ms)
11
50Hz/60Hz flicker free selection
0 = board link (GPIO3) , 1 = 50Hz, 2 = 60Hz
12
Number of self-timer beeps
13
CheckSum - low byte of sum of EEPROM locations 1 to 12
inclusive.
20
Length of Manufacturer String
21-54 (max)
Manufacturer String (ASCII codes)
55
Length of Product String
56-89 (max)
Product String (ASCII codes)
90
Length of Interface0 String
91-127 (max)
Interface 0 String (ASCII codes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com