Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 13Page - STMicroelectronics VV6411 Datasheet HTML 14Page - STMicroelectronics VV6411 Datasheet HTML 15Page - STMicroelectronics VV6411 Datasheet HTML 16Page - STMicroelectronics VV6411 Datasheet HTML 17Page - STMicroelectronics VV6411 Datasheet HTML 18Page - STMicroelectronics VV6411 Datasheet HTML 19Page - STMicroelectronics VV6411 Datasheet HTML 20Page - STMicroelectronics VV6411 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ADCS 7283313C
17/44
STV0681
Camera Modes of Operation
3.2.5
Delete Last Object - dA/dP/dC
This mode is available with audio record hardware fitted.
If the last object captured was an audio recording, 'dA' (delete audio) is displayed, if the last object
was an image, then 'dP' (delete picture) is displayed, or, if the last object was part of a continuous
capture sequence, then 'dC' (delete continuous) is displayed. If the camera is empty, the mode is
suppressed. The mode works like ‘CL’ (Clear All), that is once the mode is selected, pressing the
shutter button once causes the camera to beep and ‘dA’, ‘dP’ or ‘dC’ to start flashing. Pressing the
shutter button again within 5 seconds deletes the last audio clip, picture or continuous capture
sequence.
3.2.6
Continuous mode - Ct
Pressing the shutter button within 5 seconds causes the camera to start taking pictures for as long
as the shutter button is pressed down (and the camera is not full). If the shutter button is not pressed
within 5 seconds the camera reverts to normal picture taking mode.
Note: 1 In continuous mode, the camera allows pictures to be taken regardless of the available light, which
could result in insufficient exposure.
2 In continuous mode, only every alternate field is grabbed hence capture rate is halved. For example,
12.5fps CIF and 7.5fps VGA
3 Continuous mode is suppressed when the FlashGun enable signal (GPIO2) is high.
3.2.7
Self timer - St
Pressing the shutter button starts a 10-second self-timer. The camera issues a short beep every
second, followed by a longer beep. A further beep will then indicate that the picture has been taken
(high beep - picture successful, low beep - insufficient light, picture not taken). The self-timer mode
cannot be selected when the camera is full. The self-timer count down cannot be stopped once it
has started.
3.2.8
Clearing the camera memory - CL
Pressing the shutter button once causes the camera to beep and the ‘CL’ to start flashing. Pressing
the shutter button again within 5 seconds clears all the images/audio clips in the camera and resets
the counter.
3.2.9
Changing picture resolution - Hr/Lr
The resolution option is displayed, either Hr to change to high-resolution mode (if currently in low-
resolution mode) or Lr to change to low-resolution (if currently in high-resolution mode). Press the
shutter button within 5 seconds to select the resolution option, the camera beeps and the display is
reset, indicating the number of pictures available in the new mode. The picture resolution can be
changed at any time, that is the camera can store both high and low resolution images.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com