Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VV6411 Datasheet(PDF) 36 Page - STMicroelectronics

Part # VV6411
Description  DUAL-MODE DIGITAL CAMERA CO-PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV6411 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button VV6411 Datasheet HTML 32Page - STMicroelectronics VV6411 Datasheet HTML 33Page - STMicroelectronics VV6411 Datasheet HTML 34Page - STMicroelectronics VV6411 Datasheet HTML 35Page - STMicroelectronics VV6411 Datasheet HTML 36Page - STMicroelectronics VV6411 Datasheet HTML 37Page - STMicroelectronics VV6411 Datasheet HTML 38Page - STMicroelectronics VV6411 Datasheet HTML 39Page - STMicroelectronics VV6411 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
STV0681 pin description
STV0681
36/44
ADCS 7283313C
8.2
STV0681 pin description
Table 15: STV0681 pin listing
Pin no.
Signal
Type
Description
drive
Sensor Interface
65
SENSPWR
Output, active
high
Power-up Sensor
2mA
(SL)
64
SENSRST
Output, active low
Reset Sensor
2mA
(SL)
56
SCL
Input/Output
(OD,T)
Sensor serial interface
4mA
(SL)
57
SDA
Input/Output
(OD,T)
Sensor serial interface
4mA
(SL)
58
SD[3]
Input (S,T)
Sensor data
59
SD[2]
Input (S,T)
Sensor data
60
SD[1]
Input (S,T)
Sensor data
61
SD[0]
Input (S,T)
Sensor data
62
QCLK
Input (S,T)
Qualification clock from sensor
63
SENS_CLK
Output
Clock output to sensor
4mA
I/O and Camera Control pins
75
MODE
Debounced input
Push button (Wake-up/Mode)
74
SHUTTER
Debounced input
Push button (Shutter/Confirm)
73
FLASH_EN
Input
Enable Flash Exposure (Active High)
72
50/60_SEL
Input
S elect between 50Hz and 60Hz lighting
71
COMP_OUT
Input
Output from Audio Comparator
68
LED
Output (OD)
LED indicator
8mA
(SL)
67
AMP_ENABLE
Output, active low
(OD)
Audio Amplifier Enable
8mA
(SL)
66
FL_TRIG
Output, active low
(OD)
Flashgun trigger
8mA
(SL)
USB Interface
42
USBDET
Input (S)
Detect Power source from USB.
(For camera with RS232 only, this pin should be tied
to GND)
USB
specific
ation
V1.1
complia
nt I/O
43
DATA+
Input/Output
USB bus
(For camera with RS232 only, this pin should be
connected to test points to allow for USB production
test (lens focussing))
44
DATA-
Input/Output
USB bus.
(For camera with RS232 only, this pin should be
connected to test points to allow for USB production
test (lens focussing))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com