Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2102 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV2102
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2102 Datasheet(HTML) 3 Page - STMicroelectronics

  STV2102 Datasheet HTML 1Page - STMicroelectronics STV2102 Datasheet HTML 2Page - STMicroelectronics STV2102 Datasheet HTML 3Page - STMicroelectronics STV2102 Datasheet HTML 4Page - STMicroelectronics STV2102 Datasheet HTML 5Page - STMicroelectronics STV2102 Datasheet HTML 6Page - STMicroelectronics STV2102 Datasheet HTML 7Page - STMicroelectronics STV2102 Datasheet HTML 8Page - STMicroelectronics STV2102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FUNCTIONAL DESCRIPTION
DEFLECTION
Synchronization Separator
The synchronization separator is based on the
bottom of synchronization pulses alignment to an
internal reference voltage. An external capacitor
permits to align synchro. pulses, two external resis-
tors determines the detection threshold of synchro
pulses. The frame synchronization pulses are
locked to a 32
µs reference signal to perfect inter-
lacing.
Horizontal Scanning
The horizontal scanning frequency is obtained from
a 500kHz VCO. The circuit uses two phase-locked
loops (PLL). The first one controls the frequency;
the second one, fully integrated, controls the rela-
tive phase of the synchronization and the line fly-
back signals.
The first PLL has two times constants : a long time
constant during the picture to have a good noise
immunity, a short time constant at the beginning of
the frame to recapture faster the phase in case of
VCR video signal. More over, the PLL is in short
time constant three lines before frame pulses oc-
cured, it permits to ensure good interlacing when
the video signal comes from a VCR tape with high
phase error.
The horizontal output signal is 28
µs width. On
starting up, horizontal pulses are enabled at
VCC = 6.8V. On shutting down, horizontal pulses
are inhibited for VCC = 6.2V.
The vertical output signal is 10.5 lines width. It
permits to drive a sawtooth generator such as
TDA1771.
A video recognition function permits to sent the
information of no video identification to SAT pin : it
forces a low level when no video detection occurs.
CHROMA
ACC Amplifier, DL Matrix and Demodulator
The correct chroma subcarrier input, issued from
bandpass, is internally selected with the standard.
The ACC amplifier envolves three stages : the first
one select the correct input, the second one the
-6dB in picture (PAL mode), the third one is con-
troled by the ACC voltage.
The dynamic range is over than 30dB.
The chrominance output signal is fed to the delay
line.
The adding and substracting direct and delayed
signals are performed by the DL matrix function.
Two
synchronous
demodulators
multiplies
the (B-Y) signal with the 0 degree phase 4.43MHz
reference signal and the (R-Y) signal with the alter-
nate
± 90 deg. 4.43MHz phase reference signal.
4.43MHz Phase Locked Loop
The oscillating frequency of the 4.43MHz crystal
oscillator is controlled by the output voltage of the
loop filter. The phase detector will lock the 90 de-
gree reference signal to the direct burst signal.
A 90 degree phase shifter permits to recover the
0 degree reference signal. A flip-flop driven by line
pulses permits to generate the alternate
± 90 de-
gree signal.
ACC Control and Color Killer
The direct burst signal is demodulatedwith the
± 90
degree reference signal. The demodulation result
is used by ACC control and killer function.
If the demodulation result is always positive, the
killer capacitor is charged and the standard is iden-
tified (color ON). When demodulation result is al-
ways negative, the killer capacitor voltage reaches
the flip-flop inhibition level, so the alternace se-
quence is reversed and the capacitor is charged
again.
In case of no video signal, the killer capacitor
voltage is maintained about VCC/2, below the color
off threshold.
VIDEO
The luminance input is controlled by the contrast
control stage which range is 20dB.
The luminance and color difference signals are
added in the video matrix circuit to obtain the color
signals.
The color signals are sent to an RGB switch which
will drive to the outputs either internal RGB signals
or external RGB signals.
Automatic Cut-off Control
The black levels of the RGB outputs are controlled
with the cut-off loops during three line periods after
the frame retrace. The cut-off measurements are
sequentially achieved during these three lines. The
leakage current measurement is achieved during
the frame retrace and memorized on an internal
capacitor, thus the circuit is able to extract the
cut-off current from the total current measurement.
Warm-up Detector
At the start-up, the cut-off loops are switch off, a
white level is inserted on the luminance signal until
a cathode current is detected. Then the cut-off
loops are released.
STV2102
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com