Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV2102
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2102 Datasheet(HTML) 1 Page - STMicroelectronics

  STV2102 Datasheet HTML 1Page - STMicroelectronics STV2102 Datasheet HTML 2Page - STMicroelectronics STV2102 Datasheet HTML 3Page - STMicroelectronics STV2102 Datasheet HTML 4Page - STMicroelectronics STV2102 Datasheet HTML 5Page - STMicroelectronics STV2102 Datasheet HTML 6Page - STMicroelectronics STV2102 Datasheet HTML 7Page - STMicroelectronics STV2102 Datasheet HTML 8Page - STMicroelectronics STV2102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
STV2102
PAL LUMA-CHROMA & DEFLECTION PROCESSOR
May 1992
PRELIMINARY DATA
1
2
3
4
5
6
7
8
9
10
11
12
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
24
23
22
COG
HVc c
BOUT
COB
YIN
SLPF
SXTL
CVBS
LFB
VOUT
HOUT
CTR
DLI
PS
DELAY CHROMA INPUT
CONTRAST CONTROL
HORIZONTAL OUTPUT
VERTICAL OUTPUT
LINE FLYBACK INPUT
COMPOSITE VIDEO SIGNAL
SCANNING LOOP FILTER
SCANNING XTAL
GREEN CUT-OFF CAPACITOR
BLUE OUTPUT
HORIZONTAL Vcc
BLUE CUT-OFF CAPACITOR
LUMINANCE SIGNAL INPUT
Vcc
COR
BRIG
FBL
CLPF
CXTL
CKP
SAT
DLO
GND
GROUND
CHROMA OUTPUT
SATURATION CONTROL
PAL KILLER CAPACITOR
CHROMA XTAL
SUPPLY VOLTAGE INPUT
RED CUT-OFF CAPACITOR
BRIGHTNESS CONTROL
FAST BLANKING INPUT
CHROMA LOOP FILTER
ICAT
CATHODE CURRENT
RIN
RED INPUT
BIN
GIN
GREEN INPUT
BLUE INPUT
ACC
ACC CONTROL CAPACITOR
GROUND
GND
PALIN
PAL CHROMA INPUT
Vcc
SUPPLY VOLTAGE
BLK
BLANKING INPUT
GOUT
GREEN OUTPUT
ROUT
RED OUTPUT
NC
NOT CONNECTED
CHROMA STANDARD
NC
NOT CONNECTED
NC
NOT CONNECTED
NC
NOT CONNECTED
NC
NOT CONNECTED
NC
NOT CONNECTED
NC
NOT CONNECTED
PIN CONNECTIONS
SHRINK 42
(Plastic Package)
ORDER CODE : STV2102
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without no tice.
n
RGB AND FAST BLANKING INPUTS
n
AUTOMATIC CUT-OFF CONTROL
n
DC-CONTROLLED
BRIGHTNESS,
CON-
TRAST AND SATURATION
n
CERAMIC 500kHz VCO FOR LINE DEFLEC-
TION
n
PHASE-LOCKED REFERENCE OSCILLATOR
USING A STANDARD 4.43MHz
n
OSD CAPABILITY ON OUTPUTS
n
VIDEO IDENTIFICATION GENERATOR
DESCRIPTION
The STV2102 is a PAL chroma decoder, video and
H/V deflection processor for CTV.
Used with the TDA8222, this IC permits a complete
low cost solution with external output stages.
It is pin compatible with STV2110 PAL/SECAM
processor.
1/12


Similar Part No. - STV2102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
Sep-1993
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
Apr-1996
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
BUS-CONTROLLED PAL/SECAM TV PROCESSOR
Aug-1998
STV2116A STMICROELECTRONICS-STV2116A Datasheet
235Kb / 24P
BUS CONTROLLED PAL/NTSC TV PROCESSOR
Jun-1997
STV2118B STMICROELECTRONICS-STV2118B Datasheet
233Kb / 25P
BUS CONTROLLED PAL/SECAM/NTSC TV PROCESSOR
Jun-1996
More results

Similar Description - STV2102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1237 NSC-LM1237 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
LM1238 NSC-LM1238 Datasheet
1Mb / 24P
110 MHz I2C Compatible RGB Preamplifier with Internal Simple OSD Generator and 4 DACs
logo
STMicroelectronics
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
Apr-2000
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-2000
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
08-May-2013
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
08-May-2013
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
I2C Compatible CMOS TV RGB and Deflection Processor
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
EDDC Enhanced Deflection Controller and RGB Processor
logo
National Semiconductor ...
LM1237 NSC-LM1237_04 Datasheet
1Mb / 42P
150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD and 4 DACs
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
Compatible CMOS TV RGB and Deflection Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com