Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2102 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV2102
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2102 Datasheet(HTML) 4 Page - STMicroelectronics

  STV2102 Datasheet HTML 1Page - STMicroelectronics STV2102 Datasheet HTML 2Page - STMicroelectronics STV2102 Datasheet HTML 3Page - STMicroelectronics STV2102 Datasheet HTML 4Page - STMicroelectronics STV2102 Datasheet HTML 5Page - STMicroelectronics STV2102 Datasheet HTML 6Page - STMicroelectronics STV2102 Datasheet HTML 7Page - STMicroelectronics STV2102 Datasheet HTML 8Page - STMicroelectronics STV2102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RGB Inputs
To avoid the black level of the inserted signal
differing from the black level of the normal video
signal, the external RGB are clamped to the black
level of the luminance signal. Therefore, an AC
coupling is required for the RGB inputs.
The RGB inputs are controlled by a 12dB range
contrast control stage.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vcc
Supply Voltage
12
V
Tstg
Storage Temperature
-55, +150
oC
Toper
Operating Temperature
0, +70
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
70
oC/W
DC AND AC ELECTRICAL CHARACTERISTICS (VCC =9V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
HVcc
Scanning Supply Voltage (Pin 5)
8.1
9
9.9
V
Vcc
Video & Chroma Supply Voltage (Pins 41-42)
8.1
9
9.9
V
Icch
Scanning Supply Current (pin 5)
No load
20
30
mA
Iccv&c
Video & Chroma Supply Current (Pins 41-42)
No load
45
55
mA
PD
Total Power Dissipation
No load
580
850
mW
LUMINANCE INPUT (Pin 9)
VBW9
Input Level before Clipping (black to white)
350
mVPP
VDC9
DC Operating Voltage
No input signal
2.5
V
Ig
Input Current
• During burst period
• Out of burst period
±100
5
µA
µA
G9
Luma Gain
5.5
CONTRAST CONTROL (Pin 16)
V16
Contrast Control Voltage
2 to 4
V
V16 (Max.)
Maximum Allowed Control Voltage
5
V
G16
Contrast Control Range
20
dB
I16
Input Current
10
µA
BRIGHTNESS CONTROL (Pin 36)
V36
Brightness Control Voltage
1.5 to 4.5
V
V36 (Max.)
Maximum Allowed Control Voltage
5
V
I36
Input Current
10
µA
SATURATION CONTROL INPUT (Pin 27)
I29
Input Current
10
µA
V29
Saturation Control Voltage
2 to 4
V
V29 (Max.)
Maximum Allowed Control Voltage
5
V
G29
Saturation Control Range
-50
dB
RGB CLAMP CAPACITORS (Pins 4-7-39)
I4-7-39
Control Current
±150
µA
Ii4-7-39
Leakage Current
1
µA
RGB OUTPUTS (Pins 4-6-7)
VBW 4-6-7
Output Signal Amplitude (black to white)
• 0.35V B to W @ Pin 9
• Contrast @ max
• Sat. & Brig. @ 3V
2V
STV2102
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com