Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2102 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV2102
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2102 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV2102 Datasheet HTML 2Page - STMicroelectronics STV2102 Datasheet HTML 3Page - STMicroelectronics STV2102 Datasheet HTML 4Page - STMicroelectronics STV2102 Datasheet HTML 5Page - STMicroelectronics STV2102 Datasheet HTML 6Page - STMicroelectronics STV2102 Datasheet HTML 7Page - STMicroelectronics STV2102 Datasheet HTML 8Page - STMicroelectronics STV2102 Datasheet HTML 9Page - STMicroelectronics STV2102 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
(VCC =9V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SUBCARRIER OUTPUT (Pin 22)
Vburst-22
Output Burst Amplitude (PAL mode)
Within ACC Control Range
2.2
Vpp
KILLER CAPACITOR (Pin 32)
VOFF-32
Collor off Voltage
No chroma signal
4.9
V
VON-32
Color on Voltage
5.4
V
VINH-32
PAL Flip-flop Inhibition Level
3.2
V
I32
Control Current
250
µA
Ii32
Leakage Current
5
µA
Vnom-32
Voltage with Nominal Input Signal
6.0
V
DELAYED CHANNEL INPUT (Pin 20)
VDC-20
DC Operating Voltage
No input Signal
2.2
V
R20
Input Impedance
PAL standard
8
k
Ω
COMPOSITE VIDEO BASE BAND SIGNAL (Pin 12)
VREF-12
Voltage Reference
I12 =- 1
µA
0.6
0.8
1.0
V
V12
Video Input Signal
2.5
VPP
SCANNING XTAL (Pin 11)
F11
Frequency after Divider
15.625
kHz
CR11
Frequency Control Range after Divider
±700
Hz
PLL LOOP FILTER (Pin 10)
Iiow-10
Low Loop Gain Output Current
0.15
mA
Ihigh-10
High Loop Gain Output Current
0.40
mA
Window Pulse Width
4
µs
DELAYED LINE FLYBACK INPUT (Pin 13)
VTH-13
Threshold
0.6
V
V13
Line Flyback Amplitude
1.5
VPP
VDC-13
Minimum Negative Voltage
-0.4
V
I13
Input Current
5
µA
DIRECT BLANKING INPUT (Pin2)
VTH-2
Threshold
0.6
V
V2
Line Flyback Amplitude
1.5
Vpp
VDC-2
Minimum Negative Voltage
-0.4
V
I2
Input Current
5
µA
Ph22
External Adjustment
Appli. Adjust.
2
4
6
µs
HORIZONTAL OUTPUT (Pin 15)
T15
Output Pulse Width
26
28
29
µs
Vlow-15
Output Voltage (open collector)
I15 = 10mA
1
V
Vstart -15
Vcc Start Level
6.8
V
Vstop-15
Vcc Stop Level
6.2
V
∆t15
ϕ2 Phase Range
10
µs
VERTICAL OUTPUT (Pin 14)
T14
Output Pulse Width
10.5
lines
Tsync
Frame Synchro. Window
248 to
352
line
Vlow-14
Output Voltage (Open collector)
1
V
STV2102
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com