Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2102 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV2102
Description  I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2102 Datasheet(HTML) 5 Page - STMicroelectronics

  STV2102 Datasheet HTML 1Page - STMicroelectronics STV2102 Datasheet HTML 2Page - STMicroelectronics STV2102 Datasheet HTML 3Page - STMicroelectronics STV2102 Datasheet HTML 4Page - STMicroelectronics STV2102 Datasheet HTML 5Page - STMicroelectronics STV2102 Datasheet HTML 6Page - STMicroelectronics STV2102 Datasheet HTML 7Page - STMicroelectronics STV2102 Datasheet HTML 8Page - STMicroelectronics STV2102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
(VCC =9V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
RGB OUTPUTS (Pins 4-6-7) (continued)
-I4-6-7
Individual Output Sinking Current
2
mA
VM4-6-7
Maximum Peak White Level
7.8
V
Vblank 4-6-7
Blanking Level
0.7
V
Relative Variation in Black Level with Various
CONT. SAT. BRIG between the 3 channels
20
mV
∆Vtemp
Black Level Thermal Drift
0.5
mV/
oC
BW4-6-7
Bandwith
- 3dB
5
MHz
Tracking between Luminance and Chrominance
Signals over 10dB Contrast Control
2dB
RGB INPUTS (Pins 37-39-40)
VBW37-39-40 Maximum Input Level (B to W)
2
V
Vclamp
37-39-40
Clamp Level
Contrast max
1.5
V
BW37-39-40 Bandwidth
-3dB
8
MHz
GCTR
RGB Contrast Control Range
12
dB
G37-39-40
RGB Gain
4
FAST BLANKING INPUT (Pin 35)
VTH1-35
First Threshold (switching)
0.7
V
VTH2-35
Second Threshold (switching)
2.1
V
I35
Input Current
0V @ Pin 35
50
µA
Tswitch
Switching Delay
50
ns
Tblank
Blanking Delay
50
ns
CATHODE CURRENT INPUT (Pin 42)
Leakage Current Reference Voltage
1.75
V
CO Reference refered to Leakage Current
Reference
250
mV
Low Voltage Output Current
200
µA
AUTOMATIC CUT-OFF (Pin 3-8-38)
Capacitor Cut-off Positive Negative Clamping
100
µA
Start-beam Current Detection Reference
Voltage
2V
V4-6-7
Cut-off Output Range
3
V
CHROMINANCE INPUT (Pin 18)
V18
Input Level Before Clipping
900
mVPP
Vburst-18
Minimum Burst Signal Amplitude within the
ACC Control Range
30
mVPP
GACC
ACC Control Range
Change of burst over whole
ACC Control Range < 1dB
30
dB
R18
Input Impedance
8
k
VDC-18
DC Operating Voltage
No input signal
3.5
V
ACC CAPACITOR (Pin 30)
I30
Charging Current
During burst gate period
250
µA
Ii30
Leakage Current
Out of burst gate period
1
µA
PLL LOOP FILTER (Pin 34)
I34
Control Current
400
µA
Ii34
Leakage Current
5
µA
CHROMAXTAL (Pin 33)
CR33
Catching Range
700
Hz
STV2102
5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com