Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E04 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STV-DCA/VGA-E04
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E04 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STV-DCA/VGA-E04 Datasheet HTML 27Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 28Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 29Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 30Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 31Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 32Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 33Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 34Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
Version 3.4
31/63
STV0680B + VV6444/6410/6500
Detailed chipset specifications
Package type
48LCC
Operating Temp. range
0oC - 40oC
Current consumption
Min.
Typ
Max
Units
’Snapshot’/self-timer/continuous/tethered video
modes of operation
30
mA
Stand-by/PC Suspend Mode, sensor powered off
(see
Note 2)
Negligible
µA
Stand-by/PC Suspend Mode, sensor powered on
(See
Note 3)
Approx. 300
µA
Table 14 : VV6444 specifications
Note: 1 48dB refers to VV6404. With the addition of microlenses on VV6444, an increase in
sensitivity can be expected.
2 Where the sensor is completely powered off by a FET or switch (external hardware) during
the Standby/PC Suspend Mode.
3 Where the FET/switcher is not implemented, and the sensor is powered throughout
Standby/PC Suspend Mode, however the sensor clock is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com