Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E04 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV-DCA/VGA-E04
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E04 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV-DCA/VGA-E04 Datasheet HTML 55Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 56Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 57Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 58Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 59Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 60Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 61Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 62Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 63 page
background image
Version 3.4
59/63
STV0680B + VV6410/6411/6500
Schematics and example parts list
17
1
J2
JACK_SKT
SCJ-0355-
B
Only for RS232
18
1
LCD1
2DIGITLC
19
1
LED1
LED
2PINTHRU
Could be omitted for reduced
current cons.
20
1
Q1
NPN
SOT23
BC848
21
2
Q2, Q3
NPN
SOT23
BC848
22
1
Q4
NPN
SOT23
23
1
Q5
PNP
SOT23
BCW61
For USB inrush protection
24
1
Q6
PNP
SOT23
Only for RS232
25
1
Q8
SI2301DS
SOT23
For USB inrush protection
26
1
Q9
SI2301DS
SOT23
27
1
Q10
SI2301DS
SOT23
28
1
Q12
SI2301DS
SOT23
Only for option 2. Switches sensor
off in standby mode
29
1
R1
RES
805
220K
30
1
R72
RES
805
220K
R72 only req’d for RS232 camera
with USB test points
27
1
R2
RES
805
1R2
R2 for USB inrush protection
28
2
R9, R55
RES
805
100K
29
1
R54
RES
805
100K
R54: option 1 only
30
1
R59
RES
805
100K
R59 only re’qed for RS232 camera
with USB test points
31
1
R12
RES
805
100K
R12 for USB inrush protection
32
5
r10, R13,
R14, R16,
R23
RES
805
1M
33
1
R71
RES
805
1M
Only for RS232 camera
without
USB for production test
34
1
R7
RES
805
470K
35
1
R8
RES
805
82K
36
1
R11
RES
805
330K
Suggested value for 6V battery
36
1
R11
RES
805
510K
Suggested value for 4.5V battery
36
1
R11
RES
805
Suggested value for 9V battery
(different schematic)
36
1
R66
RES
805
0R
37
1
R6
RES
805
0R
Only fit if no USB inrush protection
required
38
3
R37, R61,
R66
RES
805
0R
R37, R61, R66: option 2 only
39
1
R65
RES
805
0R
Only for camera with no RS232
40
4
R43, R44,
R62, R63
RES
805
0R
R43, R44: option 1 only
R62, R63: option 1 only
41
1
R17
RES
805
33R
42
2
R19, R20
RES
805
24R
43
1
R22
RES
805
120K
44
5
R24, R67,
R68, R69,
R70
RES
805
0R
R24: only fit for 60Hz flicker select
45
6
R25, R31,
R32, R33,
R34, R35
RES
805
10K
R25: R24: only fit for 50Hz flicker
select
R31-R35: only for RS232
46
2
R28, R29
RES
805
330K
47
1
R41
RES
805
10K
48
1
R30
RES
805
2K2
#
Qty Refdes
Device
Package
Value
Notes
Table 22 : STV0680B + VV6410/6411/6500 - Parts list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com