Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E04 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STV-DCA/VGA-E04
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E04 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STV-DCA/VGA-E04 Datasheet HTML 29Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 30Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 31Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 32Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 33Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 34Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 35Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 36Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
Version 3.4
33/63
STV0680B + VV6444/6410/6500
Detailed chipset specifications
6.5
Typical current consumption of complete camera
The following data assumes that the camera has been built according to reference design referred
to in
Chapter 6 Figures are approximate and depend on actual components sources - see notes.
6.5.1
Using VV6444 (sensor operates at @ 5V DC)
Note: 1 See Table 10 fin Section 6.2
2 From limited evaluation, typical self-refresh current figures of certain SDRAM chips are well below
manufacturers’ maximum specification, e.g. 100-250
µA. See Section 4 for recommendations.
3 This is assuming a low quiescent current 3v3 VReg is used, and assuming that the sensor is
switched off using external circuitry.
Mode
Typical Current Cons.
Comments
’Snapshot’/Continuous/Self
timer mode (while un-teth-
ered)
80mA
’Snapshot’/Continuous/Self
timer mode (while tethered
to PC)
80mA
Assuming appropriate hardware included, power is sourced
from PC while USB connected.
Camera stand-by mode
(when NOT connected to
USB)
Approx. 220µA + SDRAM
self-refresh current (see
Note 2)
Total current in this mode equals:
STV0680/680A Standby current consumption (see
Note 1)
+ SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA, see Note 3).
Suspend mode
(when connected to USB)
Approx. 80µA + SDRAM
self-refresh current (see
Note 2)
Total current in this mode equals:
STV0680/680A Standby current consumption (see
Note 1)
+ SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA, see Note 3).
+ 200
µA, based on 1.5k pull-up in camera (see Section 4)
and 15k pull-down in PC.
Table 17 : Current consumption, complete STV0680B+VV6444 camera



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com