Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E04 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STV-DCA/VGA-E04
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E04 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STV-DCA/VGA-E04 Datasheet HTML 46Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 47Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 48Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 49Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 50Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 51Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 52Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 53Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
VV6410/6411 pinout information and package dimensions
STV0680B + VV6410/6411/6500
50/63
Version 3.4
Note: 1 Early VV6410/6411 pre-production samples were 48LCC, however the sampling and production
package is 36LCC.
Digital control signals
RESETB
21
ID
↑
System Reset. Active Low.
May be configured as System Sync. Active Low.
SUSPEND
12
ID
↑
USB Suspend Mode Control signal. Active High
If this feature is not required then the support circuit must pull the pin to
ground. The combination of an active high signal and pull up pad was
chosen to limit current drawn by the device while in suspend mode.
Serial interface
SCL
15
BI
↑
Serial bus clock (input only).
SDA
14
BI
↑
Serial bus data (bidirectional, open drain).
System clocks
CLKI
30
ID
↓
Schmitt Buffered Clock input or LVDS positive Clock input
Not connected
NC
2, 7, 8, 18, 19
Not connected
Key
A
Analogue Input
D
Digital Input
OA
Analogue Output
ID
↑
Digital input with internal pull-up
BI
Bidirectional
ID
↓
Digital input with internal pull-down
BI
↑
Bidirectional with internal pull-up
OD
Digital Output
BI
↓
Bidirectional with internal pull-down
ODT
Tri-stateable Digital Output
Name
Pin Number
Type
Description
Table 20 : VV6410 pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com