Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E04 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV-DCA/VGA-E04
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E04 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV-DCA/VGA-E04 Datasheet HTML 40Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 41Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 42Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 43Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 44Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 45Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 46Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 47Page - STMicroelectronics STV-DCA/VGA-E04 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
STV0680B pinout information and package dimensions
STV0680B+ VV6410/6411/6500
44/63
Version 3.4
90
LCD2_2
Output
LCD digit 2segment C
2mA
(SL)
91
LCD2_1
Output
LCD digit 2 segment B
2mA
(SL)
92
LCD2_0
Output
LCD digit 2 segment A
2mA
(SL)
Piezo Interface
84
PIEZO
Output
Direct connection to piezo buzzer
8mA
(SL)
Battery Level Comparator Interface
80
LO_BAT
Input (A)
Battery level comparator input. The voltage on
rowboat is compared to the reference to determine
the battery status
79
LO_BAT_REF
Input (A)
1.22V battery level comparator reference input
Power and Ground
1, 27, 50,
56, 78
DVSS[1-5]
Power pin
Digital Ground
3, 29, 57,
83
DVDD[1-4]
Power pin
Digital Power
52
PLLGVDD
Power pin
PLL Guard Power
53
PLLGVSS
Power pin
PLL Guard Ground
54
PLLAVDD
Power pin
PLL Analogue Power
55
PLLAVSS
Power pin
PLL Analogue Ground
Non-user pins
45
TEST0
Input
Non-user pin - connect to 3V3
46
TEST1
Input
Non-user pin - connect to 3V3
47
TEST2
Input
Non-user pin - connect to 3V3
Audio DAC
81
DACRES
I(A)
DAC bias amplifier reference input. See
Note 2.
82
DACOUT
O (A)
8-bit DAC current source output. See
Note 2.
0-10mA
Pin no.
Signal
Type
Description
Drive
Table 19 : STV0680B Pin listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com