Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0680 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STV0680
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STV0680 Datasheet HTML 13Page - STMicroelectronics STV0680 Datasheet HTML 14Page - STMicroelectronics STV0680 Datasheet HTML 15Page - STMicroelectronics STV0680 Datasheet HTML 16Page - STMicroelectronics STV0680 Datasheet HTML 17Page - STMicroelectronics STV0680 Datasheet HTML 18Page - STMicroelectronics STV0680 Datasheet HTML 19Page - STMicroelectronics STV0680 Datasheet HTML 20Page - STMicroelectronics STV0680 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
Version 3.4
17/63
STV0680B + VV6444/6410/6500
Camera modes of operation
3.2
Modes available (STV0680B-003)
Figure 4 : STV0680B-003modes (CIF camera with 16Mbit SDRAM assumed)
3.3
Description of modes
Note that certain modes are only available using STV0680B-003, and with appropriate hardware
fitted on the camera.
3.3.1
Standby mode (untethered) and Wake-up
On power-up, or wake-up from untethered standby mode, (i.e. by pressing the Mode button), the
camera will beep twice. The LCD will briefly indicate the camera resolution either ‘Hr.’ for high
resolution (80 CIF or 26 VGA images - using 64Mbit memory) or ‘Lr’ for low resolution (322 QCIF or
107 VGA images - using 64Mbit memory) and then display the number of pictures which may be
taken. Please note that in Low Resolution Mode, although there can be up to 322 images available,
the LCD counter will only go up to 99, it will continue reporting 99 until there are less than 99 images
left.
The camera will go back to standby mode either after 30 seconds of inactivity, LED1 will turn off and
the LCD will go blank. This can also be done (STV0680B-003 only) by pressing the mode switch for
more than 2 seconds.
3.3.2
Normal mode
Pressing the shutter button will take a picture. The camera will beep. A high pitched beep indicates
that the picture was taken successfully and the counter will decrement (if there are less than 99
images left to take). A low beep indicates insufficient light to take a picture. A series of beeps
indicates that the camera is full.
Normal: 20 / 80
Audio Record: Ar
Audio Playback: AP
Delete Last: dA / dP / dC
Continuous Capture: Ct
Self-Timer: St
Clear All: CL
Resolution: Hr / Lr
Notes:
1. Audio Record only available if audio hardware is fitted
2. Audio Playback only available once an audio clip has been recorded
3. Delete Last displays (only available if audio hardware fitted)
dA - if the last object is an audio clip
dP - if the last object is a picture
dC - if the last object is a continuous capture clip
The mode is inhibited if the camera is empty.
4. Continuous Capture mode is inhibited when the flashgun is enabled
(SW6 down)
Press Mode button
After 30sec of inactivity
Standby mode (untethered)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com