Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0680 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV0680
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV0680 Datasheet HTML 2Page - STMicroelectronics STV0680 Datasheet HTML 3Page - STMicroelectronics STV0680 Datasheet HTML 4Page - STMicroelectronics STV0680 Datasheet HTML 5Page - STMicroelectronics STV0680 Datasheet HTML 6Page - STMicroelectronics STV0680 Datasheet HTML 7Page - STMicroelectronics STV0680 Datasheet HTML 8Page - STMicroelectronics STV0680 Datasheet HTML 9Page - STMicroelectronics STV0680 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
Introduction
STV0680B + VV6444/6410/6500
6/63
Version 3.4
1
Introduction
1.1
Digital camera chipset
This document describes the features and functionality of a CMOS chipset, comprising an
STMicroelectronics (ST) CIF or VGA resolution sensor and an STV0680B companion processor
(DCA1), as well as outlining what peripheral components are required/supported in order to
complete a camera using the chipset. Such a camera is particularly suited to dual-mode digital stills
or toy applications.
In stills mode, the camera stores raw image data in memory. The camera carries out no colour
processing, ensuring its simplicity and low cost. Subsequent download of raw data to a PC or
Macintosh for processing is done through an RS232 or USB interface, through demo software, a
TWAIN driver, or OEM custom application. The license to use the colour algorithm (embedded in
the PC or Mac driver software) is included in the price of the chipset.
A video option is provided, when tethered through USB, which can allow for Video for Windows
applications, and ‘video clips’ can be recorded while untethered by continuously capturing images
while in ‘Continuous’ mode, then downloaded to the PC for playback, using software to create an
AVI file.
Using STV0680B-003, the firmware also includes the capability to trigger a flashgun module
through a two wire interface (enable input and trigger output), and the capability to record audio
sounds into the SDRAM, for subsequent upload to the PC, or to replay audio sounds which have
either been recorded on the camera or dowloaded from the PC (stored on the PC as.WAV files).
Precise design guidelines are available from ST as a reference design (see
Section 4). A software
development kit (SDK) for PC is available from ST, to interface to the camera and provide the basis
for developing a custom software application for stills and/or video, which includes colour
processing software as object code.
Figure 1 : Typical camera system block diagram
CMOS Sensor
Sensor data
STV0680B
USB interface
16MBit or 64MBit
SDRAM
Lens +
RS232
I/F
USB
I/F
memory
I/F
RS232 interface
GPIO
Sensor
I/F
PWM
LED
4.5 - 6v Battery e.g.
12MHz XTAL
Audio DAC
LCD
Driver
2 x 7 seg. LCD
Push
Transceiver
Piezo
“Mode”
Buzzer
“Shutter
4-5v (Nominal) supply from Battery or USB
3-4 x AA, AAA, etc.
Power
Management
Circuit (Discretes)
Detect Low
Battery
to PC
to PC
Circuit (Discretes)
Sensor clock
IR Filter
VV6500 (VGA)
VV6410/6411(CIF)
Image Array
Audio
Pre-Amp
Speaker
Microphone
Comparator
Buttons:
/Record”
OEM Flashgun
Enable/Trigger
Module
Audio
Enable/Trigger
Flashgun
Amplifier
VReg
3v3 supply
Subject



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com