Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0680 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STV0680
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STV0680 Datasheet HTML 16Page - STMicroelectronics STV0680 Datasheet HTML 17Page - STMicroelectronics STV0680 Datasheet HTML 18Page - STMicroelectronics STV0680 Datasheet HTML 19Page - STMicroelectronics STV0680 Datasheet HTML 20Page - STMicroelectronics STV0680 Datasheet HTML 21Page - STMicroelectronics STV0680 Datasheet HTML 22Page - STMicroelectronics STV0680 Datasheet HTML 23Page - STMicroelectronics STV0680 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
STV0680B hardware interfaces
STV0680B + VV6444/6410/6500
20/63
Version 3.4
4
STV0680B hardware interfaces
4.1
STV0680B pinout
The STV0680B pinout has been carefully developed to minimise the physical size of the support
printed circuit board by facilitating placement of and electrical routing to peripheral support
components such as the SDRAM. The complete pinout and listing is shown in
Chapter 6
4.2
Sensor interface
STV0680B uses a standard ST digital interface from the sensor, and the sensor clock input is
provided by an output from STV0680B. Designing a camera using this chipset should design as
close as possible to the reference design (
Chapter 6), in which case the chipset can be regarded as
a functional ‘black box’, and no further details regarding the STV0680B-sensor interface are
required.
4.3
Memory interface
STV0680B is designed to interface to an external 16Mbit or 64Mbit SDRAM (see
Table 3). The
SDRAM device must have a 16 bit wide data bus and operate from a 3.3V supply. Two sizes of
SDRAM memory are supported by STV0680B, 16MBits (1M x 16 bits wide) or 64MBits (4M x 16
bits wide), the memory size is auto-detected by STV0680B. STV0680B clocks the SDRAM at
6MHz, typically this is well below the figures offered by most manufacturers’ devices. Devices which
are PC66 and/or PC100 compliant are preferred. For interface wiring, see
Chapter 6
4.3.1
SDRAM current consumption
For maximum system battery life while no pictures are being taken, and to assist in meeting
requirements for USB compliance, an SDRAM should be chosen with the lowest possible self
refresh current specification. For suggested SDRAM part numbers, see
Chapter 6
In addition, the USB suspend mode current specification requires that the camera will consume no
greater than 300
µA when un-tethered. Meeting this specification, which is included in the
requirements for USB compliance, assumes an SDRAM with up to approximately 250
µA self-
refresh current, based on a current consumption of approximately 50
µA for STV0680B+support
circuit.
4.3.2
SDRAM interface timing requirements
The following timing diagrams should be referred to when selecting SDRAM other than those
recommended in
Chapter 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com