Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0680 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV0680
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV0680 Datasheet HTML 30Page - STMicroelectronics STV0680 Datasheet HTML 31Page - STMicroelectronics STV0680 Datasheet HTML 32Page - STMicroelectronics STV0680 Datasheet HTML 33Page - STMicroelectronics STV0680 Datasheet HTML 34Page - STMicroelectronics STV0680 Datasheet HTML 35Page - STMicroelectronics STV0680 Datasheet HTML 36Page - STMicroelectronics STV0680 Datasheet HTML 37Page - STMicroelectronics STV0680 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 63 page
background image
Detailed chipset specifications
STV0680B + VV6444/6410/6500
34/63
Version 3.4
6.5.2
Using VV6410/6411/6500 (sensor operates at @ 3.3V DC)
Note: 1 See Table 10 fin Section 6.2.
2 From limited evaluation, typical self-refresh current figures of certain SDRAM chips are well below
manufacturers’ maximum specification, e.g. 100-250
µA. See Section 4 for recommendations.
3 Sensor suspend mode current <100
µA (needs SUSPEND pin asserted with VV6500), see Table 15
and Table 16.
4 If the appropriate hardware to assert the sensor SUSPEND pin is not fitted, an additional current
consumption in Standby/PC Suspend mode of Approx. 50
µA can be expected with VV6500.
5 Option included in reference design to save current consumption, which can increase battery life
and increase chances of meeting USB suspend mode compliance requirements.
Mode
Typical
Comments
’Snapshot’/Continuous/
Self timer mode
(while un-tethered)
60mA
Assuming appropriate hardware included, power is sourced
from PC while USB connected.
’Snapshot’/Continuous/
Self timer mode
(while tethered to PC)
60mA
While playing back audio
sounds through speaker
90mA
Assuming 8
Ω speaker as explained in application note
AN1310
Standby Mode (when NOT
connected to USB):
Sensor SUSPEND pin
asserted (see
Note 4)
Approx. 220µA + SDRAM
self-refresh current
(see
Note 2) + sensor
suspend mode current
(see
Note 3)
Total current in this mode equals:
STV0680B Standby current consumption (see
Note 1)
+ SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA).
+ Sensor suspend mode current (See
Note 3)
PC Suspend mode
(when connected to USB):
Sensor SUSPEND pin
asserted (see
Note 4)
Approx. 50µA + SDRAM
self-refresh current
(see
Note 2) + sensor
suspend mode current
(see
Note 3)
Total current in this mode equals:
STV0680B Standby current consumption (see
Note 1)
+SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA).
+ 200
µA, based on 1.5k pull-up in camera (see Chapter 6)
and 15k pull-down in PC.
+ Sensor suspend mode current (See
Note 3)
Standby Mode (when NOT
connected to USB): sensor
powered off using FET
(see
Note 5)
Approx. 220µA + SDRAM
self-refresh current
(see
Note 2)
Total current in this mode equals:
STV0680B Standby current consumption (see
Note 1)
+ SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA).
PC Suspend mode (when
connected to USB): sensor
powered off using FET
(see
Note 5)
Approx. 100µA + SDRAM
self-refresh current
(see
Note 2)
Total current in this mode equals:
STV0680B Standby current consumption (see
Note 1)
+SDRAM self-refresh current (see
Note 2)
+ peripheral circuitry (approx. 50
µA).
Table 18 : Current consumption, complete STV0680B+VV6410/6411/6500 camera



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com