Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0680 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STV0680
Description  DUAL-MODE DIGITAL CAMERA CHIPSET
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STV0680 Datasheet HTML 36Page - STMicroelectronics STV0680 Datasheet HTML 37Page - STMicroelectronics STV0680 Datasheet HTML 38Page - STMicroelectronics STV0680 Datasheet HTML 39Page - STMicroelectronics STV0680 Datasheet HTML 40Page - STMicroelectronics STV0680 Datasheet HTML 41Page - STMicroelectronics STV0680 Datasheet HTML 42Page - STMicroelectronics STV0680 Datasheet HTML 43Page - STMicroelectronics STV0680 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
STV0680B pinout information and package dimensions
STV0680B+ VV6410/6411/6500
40/63
Version 3.4
8
STV0680B pinout information and package dimensions
8.1
STV0680B pinout
Pin no.
Signal
Type
Description
Drive
Sensor Interface
69
SENSPWR
Output, active
high
Power-up Sensor
2mA
(SL)
68
SENSRST
Output, active low
Reset Sensor
2mA
(SL)
60
SCL
Input/Output
(OD,T)
Sensor serial interface
4mA
(SL)
61
SDA
Input/Output
(OD,T)
Sensor serial interface
4mA
(SL)
62
SD3
Input (S,T)
Sensor data
63
SD2
Input (S,T)
Sensor data
64
SD1
Input (S,T)
Sensor data
65
SD0
Input (S,T)
Sensor data
66
QCLK
Input (S,T)
Qualification clock from sensor
67
SCLKO
Output
Clock output to sensor
4mA
GPIO (see notes)
77
GPIO0
(MODE)
Debounced input
Push button (Wake-up/Mode)
8mA
(SL)
76
GPIO1
(SHUTTER)
Debounced input
Push button (Shutter/Confirm)
8mA
(SL)
75
GPIO2
(FL-EN)
IO (OD)
Flash enable input (
Note 3)
8mA
(SL)
74
GPIO3 (50/60)
Debounced input
Link to select between 50Hz and 60Hz lighting
8mA
(SL)
73
GPIO4
(AUD-COMP)
IO (OD)
Audio comparator input (
Note 3)
8mA
(SL)
72
GPIO5
Output (OD)
LED indicator
8mA
(SL)
71
GPIO6
(AMP-EN)
IO (OD)
Audio Amp enable (
Note 3)
8mA
(SL)
70
GPIO7
(FL-TRIG)
IO (OD)
Flash trigger (Active Low) (
Note 3)
8mA
(SL)
Table 19 : STV0680B Pin listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com