Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2145 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 1 Page - STMicroelectronics

  STV2145 Datasheet HTML 1Page - STMicroelectronics STV2145 Datasheet HTML 2Page - STMicroelectronics STV2145 Datasheet HTML 3Page - STMicroelectronics STV2145 Datasheet HTML 4Page - STMicroelectronics STV2145 Datasheet HTML 5Page - STMicroelectronics STV2145 Datasheet HTML 6Page - STMicroelectronics STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
STV2145
I
2C BUS CONTROLLED EAST-WEST
AND VERTICAL INTERFACE
April 1996
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SENSM
SENSP
FROUT
EWOUT
EWIN
OBLK
HFLY
BREATH
SCL
SDA
VRET
REG
V
CC
LPF
CVERT
GND
RESISTOR BRIDGE
DIFFERENTIAL INPUT
FRAME OUTPUT ERROR SIGNAL
EAST-WEST ERROR AMPLIFIER OUTPUT
EAST-WEST ERROR AMPLIFIER INPUT
OPEN COLLECTOR BLANKING SIGNAL
HORIZONTAL FLYBACK INPUT
(CURRENT INPUT)
VERTICAL SIZE MODULATION
I2C BUS SERIAL CLOCK
I2C BUS SERIAL DATA
VERTICAL RETRACE PULSE
(FROM STV2118A)
REGULATOR OUTPUT
FOR SERIES TRANSISTOR
REGULATED VOLTAGE SUPPLY
LOOP FILTER FOR 2H-PLL
VERTICAL AGC CAPACITOR
GROUND
PIN CONNECTIONS
DIP16
(Plastic Package)
ORDER CODE : STV2145
.
INTEGRATED VERTICAL SAWTOOTH GEN-
ERATOR
WITH
AMPLITUDE
CONTROL
LOOP (50Hz - 60Hz)
.
INTERLACE MODE INTRINSICALLY CON-
TROLLED BY STV2118A
.
VERTICAL SIZE CORRECTION (BREATH-
ING) TO ADAPT DEFLECTION SENSITIVITY
TO THE CURRENT BEAM (HIGH VOLTAGE
VARIATION)
.
BUS ADJUSTED VERTICAL PARAMETERS :
VERTICAL AMPLITUDE, VERTICAL POSI-
TION AND S-CORRECTION
.
EAST-WEST FUNCTION GENERATOR WITH
INTEGRATED ERROR AMPLIFIER (THUS,
ONLY 1 EXTERNAL POWER DARLINGTON
IS NECESSARY FOR EW-FUNCTION)
.
BUS
CONTROLLED
EAST-WEST
FUNC-
TIONS
:
EW-AMPLITUDE,
HORIZONTAL
WIDTH, EW-TILT AND EW-SHAPE (CORNER
CORRECTION)
.
OVERSIZE
BLANKING
(VERTICAL
AND
HORIZONTAL) WHICH PERMIT ZOOM AND
SUBTITLE FACILITIES FOR 4/3 AND 16/9
CRTs
DESCRIPTION
The STV2145 is an I
2C bus processor containing
the vertical deflection East-West functions and
oversize blanking. This circuit is foreseen as ADD-
ON for the Video Chroma Processor STV2118A
to permit 110
° CRT applications covering standard
4/3 screen format and new 16/9 format with zoom
and subtitle facilities. STV2145 has been designed
to drive a standard TDA8172/8177 vertical booster
and an external transistor for East-West.
1/17


Similar Part No. - STV2145

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
May-1992
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
Sep-1993
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
Apr-1996
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
BUS-CONTROLLED PAL/SECAM TV PROCESSOR
Aug-1998
STV2116A STMICROELECTRONICS-STV2116A Datasheet
235Kb / 24P
BUS CONTROLLED PAL/NTSC TV PROCESSOR
Jun-1997
More results

Similar Description - STV2145

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1082 PHILIPS-TDA1082 Datasheet
60Kb / 8P
East-West correction driver circuit
March 1986
TDA8350Q PHILIPS-TDA8350Q Datasheet
115Kb / 16P
DC-coupled vertical deflection and East-West output circuit
January 1995
logo
STMicroelectronics
STV9306 STMICROELECTRONICS-STV9306 Datasheet
89Kb / 12P
BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT
05-Mar-2012
TDA4950 STMICROELECTRONICS-TDA4950 Datasheet
98Kb / 5P
TV EAST/WEST CORRECTION CIRCUIT
Oct-1998
TEA2031A STMICROELECTRONICS-TEA2031A Datasheet
91Kb / 8P
COLOR TV EAST-WEST CORRECTION
20-Apr-2004
STV9306A STMICROELECTRONICS-STV9306A Datasheet
762Kb / 16P
Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
Sep-2003
STV9306B STMICROELECTRONICS-STV9306B Datasheet
190Kb / 16P
Bus-Controlled Vertical Deflection System with East/West Correction Output Circuit
Dec-2003
TEA2031A STMICROELECTRONICS-TEA2031A_07 Datasheet
95Kb / 11P
COLOR TV EAST-WEST CORRECTION
20-Apr-2004
logo
NTE Electronics
NTE7162 NTE-NTE7162 Datasheet
47Kb / 4P
Integrated Circuit DC−Coupled Vertical Deflection and East−West Output Circuit
logo
STMicroelectronics
TDA8147 STMICROELECTRONICS-TDA8147 Datasheet
90Kb / 2P
EAST/WEST CORRECTION FOR DIGITAL TV-SETS
Jun-1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com