Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2145 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics STV2145 Datasheet HTML 10Page - STMicroelectronics STV2145 Datasheet HTML 11Page - STMicroelectronics STV2145 Datasheet HTML 12Page - STMicroelectronics STV2145 Datasheet HTML 13Page - STMicroelectronics STV2145 Datasheet HTML 14Page - STMicroelectronics STV2145 Datasheet HTML 15Page - STMicroelectronics STV2145 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
V
DEF
264
167
70
Approximative
Line Number :
V
PAR
Ideal parabola (EW_SHAPE = min)
Deformed parabola (EW_SHAPE = max)
Figure 9
16
R0
2x R0
15
R0
2x R0
V
MID
V
SAW
14
V
BRIDGE
(~10V)
R
SENS = 100
Transconductance
Amplifier
SENSP
SENSM
FROUT
C
STAB = 5nF
V
REF (2 - 3V)
R
LOAD =1k
Standard
Operational
Amplifier
STV2145
V
SENS
Figure 10
V
DC
V
PARLOW
264
Parabola Outside
of Fix Points
167
70
Approximative
Line Number :
V
PARUP
Figure 8
STV2145
12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com