Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2145 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 4 Page - STMicroelectronics

  STV2145 Datasheet HTML 1Page - STMicroelectronics STV2145 Datasheet HTML 2Page - STMicroelectronics STV2145 Datasheet HTML 3Page - STMicroelectronics STV2145 Datasheet HTML 4Page - STMicroelectronics STV2145 Datasheet HTML 5Page - STMicroelectronics STV2145 Datasheet HTML 6Page - STMicroelectronics STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
I
2C BUS INFORMATION
Slave Address
hex 8C/8D
MSB
LSB
1
000
110
R/W
Address Mapping (write mode)
x = don’t care bits, not used for the decoding of the subaddress.
Subaddress
Data Bits
Binary
Hex
MSB
LSB
xxxxx000
x0 or x8
TEST_MODE
VERTICAL
OVERSIZE
BLANKING 2
VERTICAL
OVERSIZE
BLANKING 1
S_CORRECTION
xxxxx001
x1 or x9
V_AMPLITUDE
xxxxx010
x2 or xA
TEST_MODE
SUB_TITLE
V_DC
xxxxx011
x3 or xB
HORIZONTAL
OVERSIZE
BLANKING 2
HORIZONTAL
OVERSIZE
BLANKING 1
EW_AMPLITUDE
xxxxx100
x4 or xC
EW_SHAPE
xxxxx101
x5 or xD
EW_LOW
EW_TILT
xxxxx110
x6 or xE
TEST_MODE
H_WIDTH
Subaddress 0 (hex 00) : Vertical Oversize Blanking & S_CORRECTION
MSB
LSB
TEST _MODE
OV_BLK_VERT2
OV_BLK_VERT1
S3
S2
S1
S0
TEST_MODE
: 0
: Normal operations
1
: Reserved for SGS-THOMSON test
OV_BLK_VERT1,
OV_BLK_VERT2
: Vertical oversize blanking (register SUB_TITLE in subadress X2 or XA)
(see Table 1)
Table 1
TV Mode
Sent
Frequency
(via VRET)
OV_BLK_VERT
2
OV_BLK_VERT
1
SUB_TITLE
Start
of Blanking
(middle of line)
End
of Blanking
(middle of line)
STANDARD 4 :3
50Hz
60Hz
0
0
0
No Blanking
SUBTITLE
50Hz
60Hz
Don’t Care
Don’t Care
1
302
259
67
59
ZOOM1
50Hz
60Hz
01
0
285
239
49
43
ZOOM2
50Hz
60Hz
11
0
278
234
59
49
BLANK
50Hz
60Hz
1
0
0
Full Blanking
S1, S2, S3, S4 : S-CORRECTION
0000 (hex 00) : Maximal S-CORRECTION
1111 (hex 0F) : Minimal S-CORRECTION (vertical sawtooth flat)
STV2145
4/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com