Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2145 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 2 Page - STMicroelectronics

  STV2145 Datasheet HTML 1Page - STMicroelectronics STV2145 Datasheet HTML 2Page - STMicroelectronics STV2145 Datasheet HTML 3Page - STMicroelectronics STV2145 Datasheet HTML 4Page - STMicroelectronics STV2145 Datasheet HTML 5Page - STMicroelectronics STV2145 Datasheet HTML 6Page - STMicroelectronics STV2145 Datasheet HTML 7Page - STMicroelectronics STV2145 Datasheet HTML 8Page - STMicroelectronics STV2145 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
PIN DESCRIPTION
Pin N
°
Name
Function
Description
1
SCL
Serial Clock for I
2C Bus
Data input (no pull down - capability)
2
SDA
Serial Data for I
2C Bus
Data input and output (pull down - capability for acknowledge
and data reply)
3
VRET
Vertical Reset Input
Vertical Synchronization Signal from STV2118A
4
REG
Control Pin for Regulator
Output for controlling the ext. series regulator transistor
5VCC
Supply Voltage Scanning
Supply voltage of scanning part, connected with external series
regulator transistor
6
LPF
Loop Filter for PLL
Loop filter for horizontal 2 x FLINE VCO
7
CVERT
Vertical AGC Capacitor
Regulation of vertical saw tooth amplitude
8
GND
Ground
Ground
9
BREATH
Breathing Input
Input voltage = 1 to 7.8V = vertical size compensation
10
HFLY
Horizontal Flyback Input
Voltage input for horizontal flyback, polarity positive
11
OBLK
Oversize Blanking Signal
Oversize blanking output :
- open collector output : high ohmic = blanking
- low (transistor saturated) = no blanking
12
EWIN
East-West Input
Input of the error amplifier for the East-West modulator
13
EWOUT
East-West Output
Output of the error amplifier for the East-West modulator
(current output, biasing directly the darlington output transistor)
14
FROUT
Output for Frame Amplifier
Output of transconductance amplifier, pin has to be connected
to the inverting input of the vertical power amplifier
15
SENSP
Sense Input, Positive
Input of internal resistor bridge for sensing the vertical
deflection YOKE current
16
SENSM
Sense Input, Negative
Input of internal resistor bridge for sensing the vertical
deflection YOKE current
STV2145
2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com