Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV2145 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STV2145
Description  I2C BUS CONTROLLED EAST-WEST AND VERTICAL INTERFACE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2145 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STV2145 Datasheet HTML 9Page - STMicroelectronics STV2145 Datasheet HTML 10Page - STMicroelectronics STV2145 Datasheet HTML 11Page - STMicroelectronics STV2145 Datasheet HTML 12Page - STMicroelectronics STV2145 Datasheet HTML 13Page - STMicroelectronics STV2145 Datasheet HTML 14Page - STMicroelectronics STV2145 Datasheet HTML 15Page - STMicroelectronics STV2145 Datasheet HTML 16Page - STMicroelectronics STV2145 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
INPUTS/OUTPUTS PIN CONFIGURATION
SCL/SDA
Pins 1/2
V
Z ≈ 6V
Acknowledge
and/or Data
(only for SDA)
V
Z ≈ 6V
10k
Ω
Pull-down
and Protection
Transistor
Figure 11
VRET 3
V
CC
V
REF =3V
Figure 12
REG 4
V
CC
300
Ω
20pF
Figure 13
V
CC
5
V
CC
V
Z ≈ 11V
20pF
Figure 14
LPF 6
V
CC
Figure 15
CVERT 7
V
CC
Figure 16
BREATH 9
V
CC
DAC_TEST :
0V = Normal
V
CC = Test
Figure 17
STV2145
13/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com