Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5728 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV5728
Description  4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5728 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV5728 Datasheet HTML 3Page - STMicroelectronics STV5728 Datasheet HTML 4Page - STMicroelectronics STV5728 Datasheet HTML 5Page - STMicroelectronics STV5728 Datasheet HTML 6Page - STMicroelectronics STV5728 Datasheet HTML 7Page - STMicroelectronics STV5728 Datasheet HTML 8Page - STMicroelectronics STV5728 Datasheet HTML 9Page - STMicroelectronics STV5728 Datasheet HTML 10Page - STMicroelectronics STV5728 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified) (continued)
Record Mode (continued)
VCC =5V, VCCFM =5V, RADJ = 22k
Ω, SWR = 5V, CCOM = 470nF, CCOM1 = 470nF, RRCY = 2.2kΩ,
RRCC = 8.2k
Ω, RFMIN = 1.5kΩ, SWFMH = 5V, SWM = 0V (SP Mode).
Load 10
µH//1kΩ for each simulated head.
Damping network of 1nF/620
Ω connected between each record output and Ground.
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
SWITCHING LEVELS (Video)
VSWIN1
SWIN Input Threshold
Selects head H2SP
0
0.4
V
VSWIN2
SWIN Input Threshold
Selects head H1SP
1
2.2
V
VSWIN3
SWIN Input Threshold
Selects head H1LP
2.8
4
V
VSWIN4
SWIN Input Threshold
Selects head H2LP
4.6
5
V
ISWIN1
VSWIN = 0V
Input current
-1
-0.5
-0.1
µA
ISWIN2
VSWIN = 1.5V
Input current
0.1
0.4
2
µA
ISWIN3
VSWIN = 3.5V
Input current
0.1
0.4
2
µA
ISWIN4
VSWIN = 5V
Input current
0.1
0.5
2
µA
VSWRH
SWR Input Threshold
Selects record mode
3.5
5
V
VSWRL
SWR Input Threshold
Selects playback mode
0
1.5
V
ISWRH
VSWR = 5V
Input current
0
0.1
5
µA
ISWRL
VSWR = 0V
Input current
-10
-5
-0.5
µA
TON
Switching Delay
Signal appears on CPB
500
ns
T1
Delay from Playback to Record :
Signal Disappears on Pin CPB
1
µs
T2
Delay from Record to Playback :
Signal Appears on Pin CPB
800
µs
T3
Delay from Playback to Record :
Signal Appears on Pin IOUTSP or
IOUTLP
20
µs
T4
Delay from Record to Playback :
Signal Disappears on Pin IOUTSP
or IOUTLP
1
µs
SWITCHING LEVELS (Video)
VFMH
SWFMH Input Threshold
3.5
5
V
VFML
SWFMH Input Threshold
0
1.5
V
TONFM
Switching Delay
Signal appears on FMPB
500
ns
T1FM
Delay from Playback to Record :
Signal Disappears on Pin FMPB
05
µs
T2FM
Delay from Record to Playback :
Signal Appears on Pin FMPB
400
µs
T3FM
Delay from Playback to Record :
Signal Appears on Pin IOUTFM
20
µs
T4FM
Delay from Record to Playback :
Signal Disappears on Pin IOUTFM
1
µs
ISWFMHH
VSWFMR = 5V
Input current
0
0.1
5
µA
ISWFM HL
VSWFMH = 0V
Input current
-10
-5
-0.5
µA
STV5728
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com