Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5728 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV5728
Description  4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5728 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV5728 Datasheet HTML 2Page - STMicroelectronics STV5728 Datasheet HTML 3Page - STMicroelectronics STV5728 Datasheet HTML 4Page - STMicroelectronics STV5728 Datasheet HTML 5Page - STMicroelectronics STV5728 Datasheet HTML 6Page - STMicroelectronics STV5728 Datasheet HTML 7Page - STMicroelectronics STV5728 Datasheet HTML 8Page - STMicroelectronics STV5728 Datasheet HTML 9Page - STMicroelectronics STV5728 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified) (continued)
Record Mode
VCC =5V, VCCFM =5V, RADJ = 22k
Ω, SWR = 5V, CCOM = 470nF, CCOM1 = 470nF, RRCY = 2.2kΩ,
RRCC = 8.2k
Ω, RFMIN = 1.5kΩ, SWFMH = 5V, SWM = 0V (SP Mode).
Load 10
µH//1kΩ for each simulated head.
Damping network of 1nF/620
Ω connected between each record output and Ground.
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
RECORD AMPLIFIER (Video)
ICC2
Current Supply
60
74
86
mA
IHA0
DC Current through IOUTSP or
IOUTLP
27
42
54
mA
IHA2
2nd Harmonic
VRCY = 300mVPP @ 4MHz
-49
-40
dB
IMAX
Maximum Current
@ 4MHz, 2nd harmonic < 35dB
35
mAPP
BWRECL
Attenuation at 100kHz
Reference level @ 600kHz
-1
0
1
dB
BWRECH
Attenuation at 8MHz
Reference level @ 4MHz
-2
0
1
dB
TRSP
Transconductance SP
VIN = 300mVPP @ 4MHz
66
70
74
mA/V
TRLP
Transconductance LP
VIN = 300mVPP @ 4MHz, SWM = 5V
60
64
68
mA/V
RSAT
Output Stage Resistance
@ 4MHz
5
11
20
Ω
TRR
Transconductance Ratio
TRSP / TRLP
0.8
1
1.2
dB
RIOUT
Impedance on IOUTSP (IOUTLP)
∆V = 1V
40
100
300
k
Ω
VTRIVR
Voltage on TRIV Pin
2
2.4
2.8
V
RECORD AMPLIFIER (FM HIFI)
ICCFM2
Current Supply
48
76
104
mA
IHFM0
DC Current through IOUT
26
49
72
mA
IHFM1
Fundamental
VFMREC = 170mVPP @ 1.6MHz
32
37
42
mAPP
IHFM2
2nd Harmonic
VRCY = 170mVPP @ 1.6MHz
-52
-46
-40
dB
BWRECL
Attenuation at 1MHz
Reference level @ 1.6MHz, AGC locked
-1
0
1
dB
BWFMRH
Attenuation at 2MHz
Reference level @ 1.6MHz, AGC locked
-1
0
1
dB
DVLRFM
record AGC Sensibility
VIN = 170mVPP
±3dB @ 1.6MHz
-1
0
1
dB
RSATFM
Output Stage Resistance
I = 10mA
7
15
50
Ω
ATT1
mute
VIN = 300mVPP @ F = 4MHz
40
60
dB
RIOUTFM
Impedance on IOUTFM
∆V= 1V
6
36
72
k
Ω
IREC+
CAGC Sink Current
50
100
150
µA
IREC-
CAGC Source Current
-150
-100
-50
µA
STV5728
6/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com