Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5728 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV5728
Description  4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5728 Datasheet(HTML) 3 Page - STMicroelectronics

  STV5728 Datasheet HTML 1Page - STMicroelectronics STV5728 Datasheet HTML 2Page - STMicroelectronics STV5728 Datasheet HTML 3Page - STMicroelectronics STV5728 Datasheet HTML 4Page - STMicroelectronics STV5728 Datasheet HTML 5Page - STMicroelectronics STV5728 Datasheet HTML 6Page - STMicroelectronics STV5728 Datasheet HTML 7Page - STMicroelectronics STV5728 Datasheet HTML 8Page - STMicroelectronics STV5728 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
20
30
40
50
60
70
10
20
30
40
R
ADJ Value (kΩ)
Recording Level
Figure 1 : FM Record Current Amplifier ; Record Current Adjustment Curve
A certain ratio must be kept between RADJ and
RFMIN to insure maximum performances with an
average FM recording input voltage arou nd
170mVPP. Some examples are given in the follow-
ing tables. If the average input voltage is higher (or
lower), the RFMRIN value must be increased (de-
creased) proportionnaly.
SET-UP
RADJ
RFMRIN
(1)
15k
Ω
1k
Ω
(2)
22k
Ω
1.5k
Ω
(3)
33k
Ω
2k
Ω
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
6
V
Tj
Junction Temperature
150
oC
Toper
Operating Temperature
0, +70
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
(IC solded on the PC board)
Max.
75
oC/W
RECOMMENDED OPERATING CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Power Supply
4.75
5
5.25
V
VCCFM
FM HIFI Power Supply
4.75
5
5.25
V
CAGC
AGC Time Constant
4.7
22
nF
CCOM
Decoupling Capacitor
4.7
470
nF
CCOM1
Decoupling Capacitor
4.7
470
nF
RADJ
Record Current Adjustment Resistor
15
22
33
k
Ω
STV5728
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com