Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5728 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV5728
Description  4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5728 Datasheet(HTML) 4 Page - STMicroelectronics

  STV5728 Datasheet HTML 1Page - STMicroelectronics STV5728 Datasheet HTML 2Page - STMicroelectronics STV5728 Datasheet HTML 3Page - STMicroelectronics STV5728 Datasheet HTML 4Page - STMicroelectronics STV5728 Datasheet HTML 5Page - STMicroelectronics STV5728 Datasheet HTML 6Page - STMicroelectronics STV5728 Datasheet HTML 7Page - STMicroelectronics STV5728 Datasheet HTML 8Page - STMicroelectronics STV5728 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified)
Playback Mode
VCC = 5V, no load on YPB and CPB Pins, RADJ = 22k
Ω, after 32 SWH (SWitching Head) cycles.
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
PLAYBACK AMPLIFIER
ICC1
Supply Current
40
48
53
mA
GPB
Playback Gain
Sinewave 600kHz, 0.4mVPP on inputs
58
60
62
dB
EN
Equivalent Voltage Noise
Input grounded via IOUT Pin @ 600kHz,
BW = 10kHz
0.5
0.6
0.7
nV
√
Hz
IN
Equivalent Input Current
Input open @ 6MHz, BW = 10kHz
1.4
2
2.6
pA
√
Hz
CRT1
Crosstalk Between SP Channels
(or LP Channels)
Sinewave @ 4MHz, 0.4mVPP
-41
-39
dB
CRT2
Crosstalk
Sinewave @ 600kHz, 0.4mVPP
-50
dB
CRT3
Crosstalk Between SP1 and LP2
Channels (or SP2 to LP1 Channels)
Sinewave @ 6MHz, 0.4mVPP
-60
-50
dB
RPBSW
Playback Switch on Resistor
@ 6MHz
0.8
2.5
18
Ω
BWLCF
Attenuation @ 100kHz
Reference level @ 600kHz
-1
0
1
dB
BWHCF
Attenuation @ 8MHz
Reference level @ 4MHz
-3
1
0
dB
CIN
Input Capacitance
@ 6MHz
22
27
32
pF
RIN
Input Resistance
@ 6MHz
500
730
950
Ω
ZCPB
Output Resistance
DC
5
14
50
Ω
VDCPB1
DC Level on Pin CPB
1.35
1.75
2.15
V
DVDC
Head Switch Offset
-200
0
200
mV
SHPB1
2nd Harmonic
Sinuswave @ 4MHz, 0.4mVPP
-43
-37
dB
PLAYBACK AGC FUNCTION
ZYPB
Output Impedance @ YPB
5
14
50
Ω
VDCPB2
DC Level @ YPB
1.15
1.45
1.85
V
BWLCF2
Attenuation @ 100kHz
Reference @ 4MHz, PB AGC locked
-1
0
1
dB
BWHCF2
Attenuation @ 8MHz
Reference @ 4MHz, PB AGC locked
-3
-1
1
dB
VLPB
Output Amplitude
Sinuswave @ 4MHz, 0.4mVPP on input
160
200
250
mVPP
SHPB2
Second Harmonic
Sinuswave @ 4MHz, 0.4mVPP on input
-44
-40
dB
IPB+
CAGC Sink Current
50
100
150
µA
IPB-
CAGC Source Current
-150
-100
-50
µA
DVLP
AGC Sensitivity
Sinuswave @ 4MHz, 0.2mVPP on input,
-5dB and +6dB
-1
0
1
dB
TRIV FUNCTION
VTRIV0
Output Level (1)
SP mode, Vcpb = 0mVPP @ 4MHz
0.05
0.28
0.7
V
VTRIV4
Output Level (4)
LP mode, Vcpb = 600mVPP @ 4MHz
4.1
V
VTRIV5
Output Level (5)
SP mode, Vcpb = 100mVPP @ 4MHz
1.33
V
VTRIV6
Output Level (6)
SP mode, Vcpb = 200mVPP @ 4MHz
2.27
V
VTRIV7
Output Level (7)
LP mode, Vcpb = 100mVPP @ 4MHz
1.4
1.8
2.2
V
VTRIV8
Output Level (8)
LP mode, Vcpb = 200mVPP @ 4MHz
3.11
V
VTRIV9
Output Level (9)
SP mode, Vcpb = 300mVPP @ 4MHz
2.95
V
VTRIV10
Output Level (10)
SP mode, Vcpb = 600mVPP @ 4MHz
3.85
V
FTRIV1
Response Lower Frequency,
Attenuation @ 1MHz
Reference : SP mode, Vcpb = 100mVPP
@ 4MHz
-6
dB
FTRIV2
Response Higher Frequency,
Attenuation @ 8MHz
Reference : SP mode, Vcpb = 100mVPP
@ 4MHz
-1
dB
STV5728
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com