Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5728 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV5728
Description  4-HEAD VIDEO AND 2-HEADS HIFI AUDIO PLAYBACK AND RECORD AMPLIFIER FOR VCR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5728 Datasheet(HTML) 5 Page - STMicroelectronics

  STV5728 Datasheet HTML 1Page - STMicroelectronics STV5728 Datasheet HTML 2Page - STMicroelectronics STV5728 Datasheet HTML 3Page - STMicroelectronics STV5728 Datasheet HTML 4Page - STMicroelectronics STV5728 Datasheet HTML 5Page - STMicroelectronics STV5728 Datasheet HTML 6Page - STMicroelectronics STV5728 Datasheet HTML 7Page - STMicroelectronics STV5728 Datasheet HTML 8Page - STMicroelectronics STV5728 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
oC, unless otherwise specified) (continued)
Playback Mode (continued)
VCC = 5V, no load on YPB and CPB Pins, RADJ = 22k
Ω
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
SP/LP ENVELOPE DETECTOR
ROH
Output Resistance @ ENVC
Sinewave 600
µVPP @ 4 MHz on H2SP
0.65
1.6
2.8
k
Ω
ROL
Output Resistance @ ENVC
Sinewave 600
µVPP @ 4 MHz on H1LP
0.65
1.6
2.8
k
Ω
VENVCH
Output Level
4
5
V
VENVCL
Output Level
0
1
V
SENS1
Sensibility
100
µVPP to 600µVPP @ LP input pins
1
V
SENS2
Sensibility
100
µVPP to 600µVPP @ SP input pins
4
V
PLAYBACK AMPLIFIER (HIFI)
ICCFM1
Supply Current
24
28
32
mA
GPBFM
Playback Gain
Sinewave 1.6MHz, 0.2mVPP on inputs
66
70
74
dB
ENFM
Equivalent Voltage Noise
Input grounded via IOUT Pin
@ 600kHz, BW = 10kHz
0.4
0.5
0.6
nV
√
Hz
INFM
Equivalent Input Current
Input open @ 1.6MHz, BW = 10kHz
2.4
3.5
5
pA
√
Hz
CRTFM1
Crosstalk
Sinewave @ 1.6MHz, 0.2mVPP
-45
-40
dB
RPBFMSW
Playback Switch on Resistor
@ 6MHz
1.1
2.4
5
Ω
BWFMLCF
Attenuation @ 1MHz
Reference level @ 1.6MHz
-1
0
1
dB
BWFMHCF
Attenuation @ 2MHz
Reference level @ 1.6MHz
-1
0
1
dB
CINFM
Input Capacitance
@ 1.6MHz
35
pF
RINFM
Input Resistance
@ 1.6MHz
100
550
1000
Ω
ZCPBFM
Output Resistance
DC
5
24
50
Ω
VDCPBFM
DC Level on Pin YFMPB
1.4
1.8
2.5
V
DVDCFM
Head Switch Offset
-200
0
200
mV
SHPBFM1
2nd Harmonic
Sinuswave @ 1.6MHz, 0.2mVPP
-45
-40
dB
VMAXFM
Maximum Output Voltage
Sinuswave @ 1.6MHz, 2nd harmonic
< -35dB
2VPP
STV5728
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com