Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV5730
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV5730 Datasheet HTML 4Page - STMicroelectronics STV5730 Datasheet HTML 5Page - STMicroelectronics STV5730 Datasheet HTML 6Page - STMicroelectronics STV5730 Datasheet HTML 7Page - STMicroelectronics STV5730 Datasheet HTML 8Page - STMicroelectronics STV5730 Datasheet HTML 9Page - STMicroelectronics STV5730 Datasheet HTML 10Page - STMicroelectronics STV5730 Datasheet HTML 11Page - STMicroelectronics STV5730 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
1.3 - Row Attributes
There are 11 row attributes, numbered from 0 to 10. They may be written one by one or sequentially.
The row attribute format is as follows :
11
876
5
0
HPOS OFFS ET
RE
FBE
VPOS OFFS ET
VPOS OFFSET : the MSB is the sign bit (0 : positive, 1 : negative). If the offset is positive (from 0 to +17),
then the corresponding number of lines are added on top of the row (i.e. it moves
downwards). These extra lines are colored according to the character background
rules. If the offset is negative (from -1 to -17), then the corresponding number of lines
are subtracted from the display of the row.
FBE
: FBE=0 : the characters are displayed without border
FBE=1 : the characters are displayed with border
RE
: RE=0 :
RE=1 :
the characters of the row are not displayed.
They are replaced by the page background color.
the characters of the row are displayed.
HPOS OFFSET : The display of the row is shifted to the right by the corresponding number of pixels (from
0 to 15).
1.4 - The Control Registers
There are 5 registers for microprocessor control. They can be written individually or sequentially :
- the ZOOM register
address : 12
- the COLOR register
13
- the CONTROL register
14
- the POSITION register
15
- the MODE register
16
1.4.1 - Zoom Register
11
10
9876
543210
VZb1
VZb0
HZb1
HZb0
VZm1
VZm0
HZm1
HZm0
VZt1
VZt0
HZt1
HZt0
HZt[1:0]
: Top row horizontal zoom factor (ie row 0)
HZt[1:0] = 00
01
10
11
:
:
:
:
1 pixel per character dot
2 pixels per character dot
3 pixels per character dot
4 pixels per character dot
VZt[1:0]
: Top row vertical zoom factor
VZt[1:0] = 00
01
10
11
:
:
:
:
1 pixel per character line
2 pixels per character line
3 pixels per character line
4 pixels per character line
HZm[1:0] : Same as HZt[1:0], for middle rows (ie rows 1 to 9)
VZm[1:0] : Same as VZt[1:0], for middle rows
HZb[1:0] : Same as HZt[1:0], for bottom row (ie row 10)
VZb[1:0] : Same as VZt[1:0], for bottom row
The output of this register is synchronized by the horizontal synchronism. The RESET message clears this
register.
STV5730
8/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com