Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV5730
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730 Datasheet(HTML) 5 Page - STMicroelectronics

  STV5730 Datasheet HTML 1Page - STMicroelectronics STV5730 Datasheet HTML 2Page - STMicroelectronics STV5730 Datasheet HTML 3Page - STMicroelectronics STV5730 Datasheet HTML 4Page - STMicroelectronics STV5730 Datasheet HTML 5Page - STMicroelectronics STV5730 Datasheet HTML 6Page - STMicroelectronics STV5730 Datasheet HTML 7Page - STMicroelectronics STV5730 Datasheet HTML 8Page - STMicroelectronics STV5730 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ELECTRICAL CHARACTERISTICS (TA =0
oCto 70oC, AVDD =DVDD = 5V, unless otherwise specified)
(continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit
LESCREEN (Pin 23)
VLESCR
Input Level
1.0
3.0
V
LECHAR (Pin 22)
VLECH
Input Level
1.0
3.0
V
INTERNAL SIGNAL LEVELS (Pins 1- 24)
VSYNC
Internal Sync Level
0.95
V
VBLACK
Internal Black Level
1.1
1.25
1.4
V
VSCREEN
Internal LESCREEN
1.4
V
VCHAR
Internal LECHAR
1.8
V
∆V1
Difference Level between Black and Sync Level
250
300
350
mV
∆V2
Difference Level between Screen and Black Level
100
150
200
mV
∆V3
Difference Level between Char. and Screen Level
360
410
460
mV
VBURSTPP
Burst Amplitude
360
mVPP
VCH1PP
VCH2PP
Chroma Amplitude for blue or yellow colors
for red, magenta, green or cyan colors
360
520
mVPP
mVPP
BUS (Pins 11- 12 - 13)
fCLK
CLK Frequency Range
0
2
MHz
tCWL
CLK Width Low
200
ns
tCWH
CLK Width High
200
ns
tCSWL
CSN Width Low
maxHZ* x 4
µs
tCSWH
CSN Width High
maxHZ* x 4
µs
tDCLH
DATA Valid to CLK High
100
ns
tCLD
CLK High to DATA Unvalid
100
ns
tCLCSL
CLK Valid to CSN Low
100
ns
tCSLCLL
CSN Low to CLK Low
100
ns
tCLHCSH
CLK High to CSN High
100
ns
tCSHCL
CSN High to CLK Unvalid
100
ns
* maxHZ is the maximum horizontal zoom factor that is used
DATA
CLK
CSN
t CSHCL
t CSWL
t CSLCLL
t CWH
t CWL
t DCLH
t CLCSL
t
CLD
t
CLHCSH
t CLCSL
t CSWH
Figure 1
STV5730
5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com