Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV5730
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV5730 Datasheet HTML 7Page - STMicroelectronics STV5730 Datasheet HTML 8Page - STMicroelectronics STV5730 Datasheet HTML 9Page - STMicroelectronics STV5730 Datasheet HTML 10Page - STMicroelectronics STV5730 Datasheet HTML 11Page - STMicroelectronics STV5730 Datasheet HTML 12Page - STMicroelectronics STV5730 Datasheet HTML 13Page - STMicroelectronics STV5730 Datasheet HTML 14Page - STMicroelectronics STV5730 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
70
DATA[7:0]
DATA
This 8-bit data message writes the data at the location indicated by the write pointer. The 4-bit data MSB
is copied from the last previous 16-bit data message.
The 0-bit data message writes a data at the location indicated by the write pointer. The last data is used
from the previous 8-bit or 16-bit data message.
15
12
11
0
0010
don’t care
CONTROL
This 16-bit control message stops the 4*fsc quartz oscillator.
15
12
11
0
0011
don’t care
CONTROL
This 16-bit control message resets the circuit and starts the 4*fsc quartz oscillator. This message should
not be used if an external 4 x fsc clock is used instead of the quartz. It is mandatory that reset operation is
as described in paragraph 2.3.
DATA
CLK
CSN
DATA
CLK
CSN
DATA
CLK
CSN
15
14
13
12
2
1
0
7
6
54
3210
16-BIT
MESSAGE
8-BIT
MESSAGE
0-BIT
MESSAGE
Figure 2
2.2 - The Write Pointer
As described in the ”message format” paragraph,
an address consists of three fields : STRU[7:6],
BUF[11:8], DEPL[4:0].
The STRU[7:6] field indicates whether it is a PAGE
address or a ROW ATTRIBUTE / REGISTER ad-
dress. It also determines the address incrementa-
tion scheme.
- STRU[7:6] = 00 :
It is a PAGE address. BUF provides the row
number (from 0 to 10) and DEPL provides the
character number (from 0 to 27). DEPL is incre-
mented after each data message. When the write
of a row is completed, the write pointer is auto-
matically set to the next row first character.
- STRU[7:6] = 01 :
It is also a PAGE address but the incrementation
scheme is a bit different : when the write of a row
is completed, the write pointer is automaticallyset
to the first character of the same row.
- STRU[7:6] = 11 :
It is a row attribute or a register address. The BUF
field must be set to 0000 and the DEPL field is
incremented after each data access.
STV5730
11/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com