Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV5730
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV5730 Datasheet HTML 6Page - STMicroelectronics STV5730 Datasheet HTML 7Page - STMicroelectronics STV5730 Datasheet HTML 8Page - STMicroelectronics STV5730 Datasheet HTML 9Page - STMicroelectronics STV5730 Datasheet HTML 10Page - STMicroelectronics STV5730 Datasheet HTML 11Page - STMicroelectronics STV5730 Datasheet HTML 12Page - STMicroelectronics STV5730 Datasheet HTML 13Page - STMicroelectronics STV5730 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
1.4.4 - Position Register
11
6
5
0
VERTICAL POSITION
HORIZONTAL POSIT ION
HORIZONTAL POSITION
Any value from 6 to 63
VERTICAL POSITION
Any value from 1 to 63
1.4.5 - Mode Register
11
10
9876
543210
M11
M10
M9
M8
M7
M6
M5
M4
M3
M2
M1
M0
M0 : M0 = 0
M0 = 1
:
:
the BAR pin is disabled
the BAR pin has an action on the line PLL
M1 : M1 = 0
M1 = 1
:
:
the missing sync pulses are not detected
the missing sync pulses are detected
M2 : M2 = 0
M2 = 1
:
:
the MUTE pin is forced to 0
the MUTE pin delivers the internal MUTE signal
M3 : M3 = 0
M3 = 1
:
:
the MUTE time constant is 8 lines
the MUTE time constant is 32 lines
M4 : M4 = 0
M4 = 1
:
:
the sync is not re-inserted
the sync is re-inserted for improved text stability
M5 : M5 = 0
M5 = 1
:
:
the gain of pins VIDEO OUT1 & VIDEO OUT2 is 0dB.
the gain of pins VIDEO OUT1 & VIDEO OUT2 is 6dB.
M6 : M6 = 0
M6 = 1
:
:
the color encoder is enabled (PAL or NTSC)
the color encoder is disabled (B&W or SECAM)
M7 : M7 = 0
M7 = 1
:
:
the VIDEO OUT2 pin outputs the VIDEO IN signal
the VIDEO OUT2 pin outputs the composite sync
M8 : M8 = 0
M8 = 1
:
:
the VIDEO OUT2 pin is in high impedance state
the VIDEO OUT2 pin is in low impedance state
M9 : This Mode bit has to be kept at a low level.
M10 : M10 = 0
M10 = 1
:
:
No delay compensation
It enables the delay compensation of the internal sync extractor.
M11 : M11 = 0
M11 = 1
:
:
The mute signal output is synchronized on vertical sync in order to limit its transitions.
The mute signal is not synchronized on vertical sync thus accelerating the VIDEO IN
presence detection (useful in full page mode).
2 - THE MICROPROCESSOR SERIAL INTERFACE
The STV5730 is down loaded by the microprocessor through a three wire serial interface : DATA, CLK,
CSN. The CLK and CSN signals are internally ORed in order to validate the transfer when the STV5730 is
chip selected only (i.e. CSN = 0). The CSN rising edge validates the internal data transfer.
2.1 - Message Formats (see Figure 2)
16-bit, 8-bit and 0-bit formats are available. The 8-bit and 0-bit message formats may be useful to speed
up the STV5730 down loading.
15
12
11
87654
0
0000
BUF[11:8]
STRU[7:6]
0
DEPL[4:0]
ADDRESS
This 16-bit address message loads the serial interface write pointer. This address is incremented after each
data message.
15
12
11
0
0001
DATA[11:0]
DATA
This 16-bit data message writes the data at the location indicated by the write pointer.
STV5730
10/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com