Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV5730 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV5730
Description  MULTISTANDARD ON-SCREEN DISPLAY FOR VCR, PAY-TV, SATELLITE RECEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV5730 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV5730 Datasheet HTML 5Page - STMicroelectronics STV5730 Datasheet HTML 6Page - STMicroelectronics STV5730 Datasheet HTML 7Page - STMicroelectronics STV5730 Datasheet HTML 8Page - STMicroelectronics STV5730 Datasheet HTML 9Page - STMicroelectronics STV5730 Datasheet HTML 10Page - STMicroelectronics STV5730 Datasheet HTML 11Page - STMicroelectronics STV5730 Datasheet HTML 12Page - STMicroelectronics STV5730 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
1.4.2 - Color Register (page attributes)
11
10
9876
210
R
G
B
R
G
B
//
//
//
R
G
B
SBC
FBC
BCC
SBC
: screen background color
FBC
: character border color
BCC
: character background color
The output of this register is synchronized by the horizontal synchronism.
1.4.3 - Control Register
11
10
9876
543210
C11
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
C0
C0
: C0 = 0 : mixed mode
C0 = 1 : full page mode
C1
: C1 = 0 : the character background is controlled by BE (see character word description)
C1 = 1 : all displayed character backgrounds are disabled
C2
: C2 = 0 : display off
C2 = 1 : display on
C3
: C3 = 0 : the characters are colored according to the character attribute and the color register
values (i.e. CBACKG and CBORD)
C3 = 1 : the character foreground, border and background colors are all set to the character
attribute value (see paragraph 1.2). This option is mainly intended for full page mode,
CVBS or Y/C output
C4
: C4 = 0 : 1.0 second blinking period
C4 = 1 : 0.5 second blinking period
C[6:5] : C[6:5] = 00
01
10
11
:
:
:
:
blinking off
0.75 blinking duty cycle
0.5 blinking duty cycle
0.25 blinking duty cycle
C7
: C7 = 0
C7 = 1
an external input composite sync is taken from the CSYNC pin
the sync is extracted by the STV5730.The currently active sync is output on the
CSYNC pin
C8
: C8 = 0 : the standard is NTSC, 60Hz
C8 = 1 : the standard is PAL or SECAM with M6 = 0, 50Hz
C9
: C9 = 0 : character color encoding is disabled
C9 = 1 : character color encoding is enabled
C10
: C10 = 0 : the luminance levels are generated internally
C10 = 1 : the luminance levels are provided by the LESCREEN and LECHAR input pins.
C11
: C11 = 0 : Video Full Page Mode. A stable full page mode text is displayed while the screen
background is the unlocked video input signal.
C11 = 1 : Normal full page mode is active.
The output of this register is synchronized by the horizontal sync (except C7). The RESET message clears
this register.
STV5730
9/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com