Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411AD Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV6411AD
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411AD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV6411AD Datasheet HTML 4Page - STMicroelectronics STV6411AD Datasheet HTML 5Page - STMicroelectronics STV6411AD Datasheet HTML 6Page - STMicroelectronics STV6411AD Datasheet HTML 7Page - STMicroelectronics STV6411AD Datasheet HTML 8Page - STMicroelectronics STV6411AD Datasheet HTML 9Page - STMicroelectronics STV6411AD Datasheet HTML 10Page - STMicroelectronics STV6411AD Datasheet HTML 11Page - STMicroelectronics STV6411AD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Tamb = 25°C, AVCC = VVCC = 8V, VCC12 = 12V, RLOUTA = 10k
Ω, RGA = 600Ω, RGV = 50Ω, RLOUTV = 4.7kΩ,
unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SLOW BLANKING SECTION
INPUT (Input mode VCC8 = 8V
±5%)
SLBlow
Input Low Level Threshold
2.5
3.25
4
V
SLBhigh
Input High Level Threshold
7.5
8.25
9
V
IIN
Input current
50
100
µA
OUTPUT (Output mode VCC12 = 12V
±5%, VCC8 = 8V ±5%, RLOAD > 10kΩ)
SLBLOW
Output Low Level (int. TV)
0
0.02
1.5
V
SLBMED
Output Med Level (ext. 16/9)
5
5.75
6.5
V
SLBHIGH
Output High Level (ext. 4/3)
10
11
12
V
FAST BLANKING SECTION
INPUT (Input mode VCCV = 8V
±5%)
FBlow/high Input Low/High Level Threshold
0.4
0.7
0.9
V
IIN
Input current
210
µA
OUTPUT (Output mode VCCV = 8V
±5%, RLOAD > 1kΩ)
FBLOW
Output Low Level
IIN = 1.0mA
IIN = 0.2mA
00.7
0.3
V
V
FBHIGH
Output High Level
IOUT = 1.0mA
3.6
4
4.4
V
FBDEL
Fast blanking to RGB delay
At 50% on digital RGB transients,
at 2.7VON FB rise transient, at 1.5V
on FB fall CLOAD = 10pF max
30
ns
FBTRANS
Fast Blanking transitions at FB output
Rise Time
Fall Time
CLOAD = 10pF max
between 10% and 90%
between 90% and 10%
30
30
ns
ns
ADDRESS SELECTION INPUT
ADDsel_L
Address selection low level
0
0.2
V
ADDsel_H
Address selection high level
4
VCC
(8V)
V
ILEAK
Leakage Current
10
µA
STV6411A
8/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com