Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411AD Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV6411AD
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411AD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV6411AD Datasheet HTML 2Page - STMicroelectronics STV6411AD Datasheet HTML 3Page - STMicroelectronics STV6411AD Datasheet HTML 4Page - STMicroelectronics STV6411AD Datasheet HTML 5Page - STMicroelectronics STV6411AD Datasheet HTML 6Page - STMicroelectronics STV6411AD Datasheet HTML 7Page - STMicroelectronics STV6411AD Datasheet HTML 8Page - STMicroelectronics STV6411AD Datasheet HTML 9Page - STMicroelectronics STV6411AD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Tamb = 25°C, AVCC = VVCC = 8V, VCC12 = 12V, RLOUTA = 10k
Ω, RGA = 600Ω, RGV = 50Ω, RLOUTV = 4.7kΩ,
unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AUDIO SECTION
SVR100
Supply Voltage Rejection
VRIPPLE = 500mVRMS at f = 100Hz,
Gain = 0dB,
VREF filter cap = 47
µF
VREF filter cap = 220
µF
60
72
82
dB
dB
SVR1K
Supply Voltage Rejection
VRIPPLE = 500mVRMS at f = 1kHz,
Gain = 0dB
70
80
dB
VINDC
Input DC Level
AVCC = 8V
VCC/2
V
VINAC
Input signal amplitude
2VRMS
RIN
Input Resistance
45
55
k
RINmatch
Input resistance matching
±1
±10
%
Frange
Bandwith
-3dB, 0.5VRMS, RL = 10k
Ω, Gain = 0dB
50
kHz
Flatness
Spread of gain in audio band
0.5VRMS, 20Hz to 20kHz, Gain = 0dB
0.5
dB
Cs
Channel Separation (from audio inputs)
Between L &R of TV outputs
VIN = 0.5VRMS, f = 1kHz, on one input,
RL =10k
Ω, Gain = 0dB
80
70
90
74
dB
dB
Ci
Channel Isolation from video inputs
VIN = 1 VPP, f = 15kHz, on one input,
RL = 10k
Ω, Gain = 0dB
70
85
dB
VOUT
Output DC Level
AVCC = 8V
VCC/2
V
VOFF
DC Offset change
Switching between inputs
1
±15
mV
ROUT
Output Resistance
60
eNI
Equivalent Input Voltage Noise
BW = 20Hz, 20kHz, Gain = 0dB
5
µV
G0
0dB Gain
0.5VRMS, RL = 10k
Ω, Gain = 0dB
-0.5
+0.5
dB
GSTEP
Step of Gain
-14dB to +6dB
1.75
2
2.25
dB
GMATCH1
Gain matching between different inputs
on one output
VIN = 0.5VRMS, 1kHz, Gain = 0dB
-0.5
0.5
dB
GMATCH2
Gain matching between Left/Right
outputs of one input channel
VIN = 0.5VRMS, 1kHz, Gain = 0dB
-0.5
0.5
dB
THD
Total Harmonic Distorsion
1kHz, LPF @ 80kHz
VIN = VOUT = 0.5VRMS
VIN = VOUT = 2VRMS
0.002
0.003
0.05
%
%
VCL
Output clipping Level
THD = 0.2%, 1kHz
2.1
2.25
VRMS
RL
Output Load Resistance
VIN = 1VRMS, THD = 0.3%, Gain = 0dB
2
2.25
k
Mute
Mute Suppression
VIN = 0.5VRMS, on one input
90
dB
STV6411A
6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com