Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411AD Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV6411AD
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411AD Datasheet(HTML) 5 Page - STMicroelectronics

  STV6411AD Datasheet HTML 1Page - STMicroelectronics STV6411AD Datasheet HTML 2Page - STMicroelectronics STV6411AD Datasheet HTML 3Page - STMicroelectronics STV6411AD Datasheet HTML 4Page - STMicroelectronics STV6411AD Datasheet HTML 5Page - STMicroelectronics STV6411AD Datasheet HTML 6Page - STMicroelectronics STV6411AD Datasheet HTML 7Page - STMicroelectronics STV6411AD Datasheet HTML 8Page - STMicroelectronics STV6411AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ELECTRICAL CHARACTERISTICS
Tamb = 25°C, AVCC = VVCC = 8V, VCC12 = 12V, RLOUTA = 10k
Ω, RGA = 600Ω, RGV = 50Ω, RLOUTV = 4.7kΩ,
unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AVCC
Audio Operating Supply Voltage
7.5
8
8.5
V
VVCC
Video Operating Supply Voltage
7.5
8
8.5
V
VCC12
Slow Blanking Control Supply Voltage
11.2
12
12.8
V
ACTIVE (all channels ON)
ICCA
Audio Supply Current
AVCC = 8V, no input signal
10
15
mA
ICCV
Video Supply Current (ICCV1 + ICCV2 + ICCV3)VVCC = 8V, no input signal
65
80
mA
ICC12
12V Supply Current
VCC12 = 12V
SlBlk input mode
SlBlk output mode, no load
0
2.0
2
3
µA
mA
STANDBY (all channels OFF)
ICCAstd
Audio Supply Current in stand by mode
AVCC = 8V
1.2
mA
ICCVstd
Video Supply Current in stand by mode
(ICCV1 + ICCV2 + ICCV3)
VVCC = 8V
9
mA
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
AVCC,VVCC
Supply Voltage for Audio and Video Sections
10
V
VI
Voltage at Pin i to GND. Except SDA, SCL at 5.5V Max.
0, VCC
V
VCC12
Supply Voltage for Slow Blanking Sections
13.2
V
VSLBK
Voltage at slow blanking pins to GND
0, VCC12
V
VESD
Maximum ESD Voltage allowed (100pF capacitor discharged
through 1.5k
Ω serial resistor - Human Body Model)
± 4kV
Toper
Operating Ambient Temperature
0, +70
oC
Tstg
Storage Temperature
-20, +150
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
68
oC/W
STV6411A
5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com