Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411AD Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV6411AD
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411AD Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV6411AD Datasheet HTML 10Page - STMicroelectronics STV6411AD Datasheet HTML 11Page - STMicroelectronics STV6411AD Datasheet HTML 12Page - STMicroelectronics STV6411AD Datasheet HTML 13Page - STMicroelectronics STV6411AD Datasheet HTML 14Page - STMicroelectronics STV6411AD Datasheet HTML 15Page - STMicroelectronics STV6411AD Datasheet HTML 16Page - STMicroelectronics STV6411AD Datasheet HTML 17Page - STMicroelectronics STV6411AD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Standby Modes Selection
Reg.
Addr.
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
07
VCR Clamps Disabling
(RGB inputs)
1
X
1
X
X
X
X
X
0
Clamp Active
X
1
XXX
XX
1
Clamp Disabled
VCR Clamps Disabling
1
X
1
X
X
X
X
0
X
Clamp Active
X
1
X
X
X
X
1
X
Clamp Disabled
ASTB Clamps Disabling
1
X
1
X
X
X
0
X
X
Clamp Active
X
1
X
X
X
1
X
X
Clamp Disabled
TV Clamps Disabling
1
X
1
X
X
0
X
X
X
Clamp Active
X
1
X
X
1
X
X
X
Clamp Disabled
Encoder Clamps Disabling
1
X
1
X
0
X
X
X
X
Clamp Active
X1
X1X
X
X
X
Clamp Disabled
TV/RGB Output Disabling
1
X
1
0
X
X
X
X
X
Audio & Video Outputs ON
X
1
1
X
X
X
X
X
Audio & Video Outputs OFF
VCR Output Disabling
1
0
1
X
X
X
X
X
X
Audio & Video Outputs ON
1
1
X
X
X
X
X
X
Audio & Video Outputs OFF
08
CINCH Output Disabling
1
X
1
X
X
X
X
X
0
CINCH Output ON
X
1
X
X
X
X
X
1
CINCH Output OFF
RF MOD Output Disabling
1
X
1
X
X
X
X
0
X
RF MOD Output ON
X
1
X
X
X
X
1
X
RF MOD Output OFF
Output Signals (Read Mode)
Data Byte
Reg.
Addr.
(HEX)
Description
Bits
Data
Comments
d7 d6 d5 d4 d3 d2 d1 d0
Slow Blanking TV SCART
2
X
X
X
X
X
X
0
1
Input < 2V
X
X
X
X
X
X
1
0
Input 16/9 format
X
X
X
X
X
X
1
1
Input 4/3 format
Slow Blanking VCR SCART
2
X
X
X
X
0
1
X
X
Input < 2V
X
X
X
X
1
0
X
X
Input 16/9 format
X
X
X
X
1
1
X
X
Input 4/3 format
Power-on Reset - Bus Register Initial Conditions
Power on reset is active when the power supply voltage is below (Tbf) volts.
Not significant bits (X) are preset to "0"
Register Address HEX
DATA
d7
d6
d5
d4
d3
d2
d1
d0
00
00
00
00
00
01
00
00
00
00
02
00
00
00
00
03
00
00
00
00
04
00
00
00
00
05
00
00
00
00
06
00
00
00
00
07
00
00
00
00
08
00
00
00
00
I
2C BUS SELECTION (continued)
STV6411A
14/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com