Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV6411AD Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV6411AD
Description  AUDIO/VIDEO SWITCH MATRIX
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6411AD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV6411AD Datasheet HTML 5Page - STMicroelectronics STV6411AD Datasheet HTML 6Page - STMicroelectronics STV6411AD Datasheet HTML 7Page - STMicroelectronics STV6411AD Datasheet HTML 8Page - STMicroelectronics STV6411AD Datasheet HTML 9Page - STMicroelectronics STV6411AD Datasheet HTML 10Page - STMicroelectronics STV6411AD Datasheet HTML 11Page - STMicroelectronics STV6411AD Datasheet HTML 12Page - STMicroelectronics STV6411AD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Tamb = 25°C, AVCC = VVCC = 8V, VCC12 = 12V, RLOUTA = 10k
Ω, RGA = 600Ω, RGV = 50Ω, RLOUTV = 4.7kΩ,
unless otherwise specified.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
I
2C BUS CHARACTERISTICS
SCL
VIL
Low Level Input Voltage
-0.3
1.5
V
VIH
High Level Input Voltage
3
5.5
V
ILI
Input Leakage Current
VIN = 0 to 5.5V
-10
0
10
µA
fSCL
Clock Frequency
0
100
kHz
tR
Input Rise Time
1.5V to 3V
1
µs
tF
Input Fall Time
1.5V to 3V
300
ns
Cl
Input Capacitance
10
pF
SDA
VIL
Low Level Input Voltage
-0.3
1.5
V
VIH
High Level Input Voltage
3
5.5
V
ILI
Input Leakage Current
VIN = 0 to 5.5V
-10
0
10
µA
Cl
Input Capacitance
10
pF
tR
Input Rise Time
1.5V to 3V
1
µs
tF
Input Fall Time
1.5V to 3V
300
ns
VOL
Low level Output Voltage
IOL = 3mA
0.4
V
tF
Output Fall Time
3V to 1.5V
250
ns
CL
Load Capacitance
400
pF
TIMING
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4
µs
tSU,DAT
Data Set-up Time
250
ns
tHD,DAT
Data Hold Time
0
340
ns
tSU,STO
Set-up Time from Clock High to Stop
4
µs
tBUF
Start Set-up Time following a Stop
4.7
µs
tHD,STA
Start Hold Time
4
µs
tSU,STA
Start Set-up Time following Clock Low to High Transition
4.7
µs
STV6411A
9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com