Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697WAF Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV7697WAF
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697WAF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV7697WAF Datasheet HTML 3Page - STMicroelectronics STV7697WAF Datasheet HTML 4Page - STMicroelectronics STV7697WAF Datasheet HTML 5Page - STMicroelectronics STV7697WAF Datasheet HTML 6Page - STMicroelectronics STV7697WAF Datasheet HTML 7Page - STMicroelectronics STV7697WAF Datasheet HTML 8Page - STMicroelectronics STV7697WAF Datasheet HTML 9Page - STMicroelectronics STV7697WAF Datasheet HTML 10Page - STMicroelectronics STV7697WAF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
STV7697A
7/15
BLOCK DIAGRAM
CIRCUIT DESCRIPTION
The STV7697A contains all the logic and the pow-
er circuits necessary to drive rows of a Plasma
Display Panel (P. D. P.). The state of the displayed
line is loaded into the shift register. Data are shift-
ed at each low to high transition of the (CLK) shift
clock. After 64 shifts the first bit is available at the
serial output. This output can be used to cascade
several drivers to perform any vertical resolution.
The forward / reverse (F/R) input is used to select
the direction of the shift register, data input/output
status is set according to the selected direction.
SIN, CLK, STB inputs
are Smith trigger inputs . If not used on the appli-
cation, F/R, BLK, POL logical inputs are internaly
pulled to level ”1”. The maximum frequency of the
shift clock is 20 MHz.
All the data are memorized into the latch stage
when the strobe input (STB) is pulled high.
Blanking input (BLK) forces the power outputs to
high level when pulled high with polarity input
(POL) at high level and forced to low level with
POL at low level.
The level of the power output is inverted when the
polarity command (POL) is pulled high.
Sustain current must not be sunk in the power out-
puttoVPP when the power supply is applied.
VSSLOG and VSSSUB must be connected as close
as possible to the logical reference ground of the
application.
Shift Register Truth Table
F/R
87
64-BIT SHIFT REGISTER
P1
P64
80
1
VSSP
Pins 34-35-36-45-46
47-82-83-98-99
V
CC
Pins 41-90
V
SSLOG
Pins 39-40-42-94
SOUT (SIN)
SIN (SOUT)
STB
BLK
POL
OUT1
OUT64
STV7697A
93
91
92
86
85
89
CLK
V
PP
Pins 33-37-44-48
81-84-97-100
LATCH
Q1
Q64
Q2
Q63
S64
S1
V
CC
V
CC
V
CC
V
SSSUB
Pins 38-43
V
SSP
V
PP
V
SSP
V
PP
Input
Input /Outp ut
Shift Register
Fun ction
F/R
CLK
SIN
SOUT
Output Q
H
Rise
IN
OUT
Forward Shift
H
H or L
IN
OUT
Steady
L
Rise
OUT
IN
Reverse Shift
L
H or L
OUT
IN
Steady
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com