Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697WAF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV7697WAF
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697WAF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV7697WAF Datasheet HTML 4Page - STMicroelectronics STV7697WAF Datasheet HTML 5Page - STMicroelectronics STV7697WAF Datasheet HTML 6Page - STMicroelectronics STV7697WAF Datasheet HTML 7Page - STMicroelectronics STV7697WAF Datasheet HTML 8Page - STMicroelectronics STV7697WAF Datasheet HTML 9Page - STMicroelectronics STV7697WAF Datasheet HTML 10Page - STMicroelectronics STV7697WAF Datasheet HTML 11Page - STMicroelectronics STV7697WAF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
STV7697A
8/15
Power Output Truth Table
Note 1 Qn is the parallel output of the shift register (n = 1 to 64). Qn takes the value of serial input (SIN) after ”n” shift
clock periods.
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
Note 2 For PQFP100 packaging.
Note 3 Through one power output.
Note 4 Through one power output with VPP = VSSP (see test diagram).
Note 5 These parameters are measured during ST’s internal qualification which includes temperature characterisation
on standard batches and on corners batches of the process. These parameters are not tested on the parts.
Qn (1)
STB
BLK
POL
Driver Output
Comments
X
X
H
H
All H
Forced to High
X
X
H
L
All L
Forced to Low
H
L
L
L
H
Copy Data
L
L
L
L
L
Copy Data
H
L
L
H
L
Copy Inverted Data
L
L
L
H
H
Copy Inverted Data
X
H
L
L
Qn
Data Latched
X
H
L
H
Qn
Inverted Data Latched
Symbol
Parameter
Value
Unit
VCC
Logic Supply Range
-0.3, +7
V
VPP
Driver Supply Range
-0.3, +170
V
VIN
Logic Input Voltage Range
-0.3, VCC +0.3
V
VOUT
Logic Output Voltage Range
-0.3, VCC + 0.3
V
VPOUT
Driver Output Voltage Range
-0.3, VPP
V
IPOUT
Driver Output Current (3) (5)
+100/-400
mA
IDOUT
Diode Output Current (4) (5)
±700
mA
Tjmax
Operating Temperature
-20, +85
°C
T
oper
Junction Temperature (2)
+125
°C
Tstg
Storage Temperature
-50,+150
°C
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction-ambient Thermal Resistance (2)
Max
50
°C/W
Poper
Operating Power Dissipation (Tamb =25°C)
Max
2
W
Tjoper
Operating Junction Temperature (2)
Max
+125
°C
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com