Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV7697WAF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV7697WAF
Description  PLASMA DISPLAY PANEL SCAN DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7697WAF Datasheet(HTML) 4 Page - STMicroelectronics

  STV7697WAF Datasheet HTML 1Page - STMicroelectronics STV7697WAF Datasheet HTML 2Page - STMicroelectronics STV7697WAF Datasheet HTML 3Page - STMicroelectronics STV7697WAF Datasheet HTML 4Page - STMicroelectronics STV7697WAF Datasheet HTML 5Page - STMicroelectronics STV7697WAF Datasheet HTML 6Page - STMicroelectronics STV7697WAF Datasheet HTML 7Page - STMicroelectronics STV7697WAF Datasheet HTML 8Page - STMicroelectronics STV7697WAF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STV7697A
4/15
PIN ASSIGNMENT
(TQFP100)
Pin Number
Symbol
Type
Fun ction
33-37-44-48-81-84-97-100
VPP
Supply
High Voltage Supply of power outputs
41 - 90
VCC
Supply
5 V Logic Supply
34-35-36-45-46-47-82-83-98-99
VSSP
Ground
Ground of power outputs
38-43
VSSSUB
Ground
Substrate Ground
39-40-42-94
VSSLOG
Ground
Logic Ground
1 to 32, 49 to 80
OUT 64 to OUT 1
Output
Power Output
91
SOUT (SIN)
Output
Shift Register Data Output (forward)
85
POL
Input
Polarity Selection
86
BLK
Input
Output Blanking Command
87
F/
Input
Selection of shift direction
89
SIN (SOUT)
Input
Shift Register Data Input (forward)
92
Input
Latch of data to outputs
93
CLK
Input
Clock of data shift register
88-95-96
NC
-
PIN ASSIGNMENT (Power Outputs)
Output N
°
Pin N
°
Output N
°
Pin N
°
Output N
°
Pin N
°
Outp ut N
°
Pin N
°
180
17
64
33
32
49
16
279
18
63
34
31
50
15
378
19
62
35
30
51
14
477
20
61
36
29
52
13
576
21
60
37
28
53
12
675
22
59
38
27
54
11
774
23
58
39
26
55
10
8
73
2457
40
25
569
9
72
2556
41
24
578
10
71
26
55
42
23
58
7
11
70
27
54
43
22
59
6
12
69
28
53
44
21
60
5
13
68
29
52
45
20
61
4
14
67
30
51
46
19
62
3
15
66
31
50
47
18
63
2
16
65
32
49
48
17
64
1
R
ST B
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com